Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPB62 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TPB62
Description  TRISIL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPB62 Datasheet(HTML) 1 Page - STMicroelectronics

  TPB62 Datasheet HTML 1Page - STMicroelectronics TPB62 Datasheet HTML 2Page - STMicroelectronics TPB62 Datasheet HTML 3Page - STMicroelectronics TPB62 Datasheet HTML 4Page - STMicroelectronics TPB62 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPB SERIES
®
BIDIRECTIONAL CROWBAR PROTECTION.
VOLTAGE RANGE: FROM 62 V TO 270 V.
HOLDING CURRENT :
IH = 150mA min.
REPETITIVE PEAK PULSE CURRENT :
IPP = 100 A, 10/1000
µs.
UL RECOGNIZED FILE # E136224
FEATURES
CB429
The TPB series are TRISIL devices especially de-
signed for protecting sensitive telecommunication
equipment against lightning and transient voltages
induced by AC power lines. They are available in
the CB429 axial package.
TRISIL devices provide bidirectional protection by
crowbar action. Their characteristic response to
transient overvoltages makes them particularly
suited to protect voltage sensitive telecommunica-
tion equipment.
DESCRIPTION
SCHEMATIC DIAGRAM
TRISIL
TM
October 1998 - Ed: 6A
COMPLIES WITH THE
FOLLOWING STANDARDS:
Peak Surge
Voltage
(V)
Voltage
Waveform
(
µs)
Current
Waveform
(
µs)
Admissible
Ipp
(A)
Necessary
Resistor
(
Ω)
CCITT K20
4000
10/700
5/310
100
-
VDE0433
4000
10/700
5/310
100
-
VDE0878
4000
1.2/50
1/20
100
-
IEC-1000-4-5
level 4
level 4
10/700
1.2/50
5/310
8/20
100
100
-
-
FCC Part 68, lightning surge
type A
1500
800
10/160
10/560
10/160
10/560
200
100
-
-
FCC Part 68, lightning surge
type B
100
5/320
5/320
25
-
BELLCORE TR-NWT-001089
First level
2500
1000
2/10
10/1000
2/10
10/1000
500
100
-
-
BELLCORE TR-NWT-001089
Second level
500
2/10
2/10
500
-
CNET l31-24
4000
0.5/700
0.8/310
100
-
1/5


Similar Part No. - TPB62

ManufacturerPart #DatasheetDescription
logo
Wuxi Unigroup Microelec...
TPB60R350C WUMC-TPB60R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPB60R350C WUMC-TPB60R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPB60R580C WUMC-TPB60R580C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPB60R700C WUMC-TPB60R700C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPB65R1K2C WUMC-TPB65R1K2C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
More results

Similar Description - TPB62

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TPA STMICROELECTRONICS-TPA Datasheet
53Kb / 5P
   TRISIL
AN574 STMICROELECTRONICS-AN574 Datasheet
66Kb / 4P
   TRANSIL TRISIL COMPARISON
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
   TELECOM EQUIPMENT PROTECTION TRISIL
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL
November 2002 - Ed: 4B
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com