Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBU61-401-3 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # MBU61-401-3
Description  63W Open Frame Switching Power Supplies For Medical Equipment.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

MBU61-401-3 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  MBU61-401-3 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. MBU61-401-3 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output Voltage And Current Rating Chart (Single Output) :
Output Voltage And Current Rating Chart ( Multi Output ) :
Mechanical Specifications :
Note:
1. Dimensions are shown in inches or mm.
2. Weight: 300gs approx.
3. Input connector mates with Molex housing 09-50-3031
and Molex 2478 series crimp terminal.
4. Output connector mates with Molex housing 09-50-3081
and Molex 2478 series crimp terminal.
MBU61 SERIES
63W Open Frame Switching Power Supplies For Medical Equipment.
PIN CHART
MODEL
PIN
MBU61-1XX
1
2
3
4
5
6
7
8
(Optional)
OUT
RTN RTN RTN
PFD
PFD
PFD
Note: Vo1:Output#1 Vo2:Output#2 Vo3:Output#3 Vo4:Output#4
OUT OUT
MBU61-2XX
MBU61-3XX
MBU61-4XX
Vo2
Vo2 Vo1 Vo1
Vo1 Vo1
COM
COM
COM
COM
Vo3
N/C
N/C
N/C
RTN
Vo2 Vo1 Vo1 COM COM Vo3 Vo4
PFD
3
5
6
8
11
11
13
16
21
27
33
-
-
-
-
-
-
-
-
-
-
-
5
6
8
11
13
13
16
21
27
33
40
VDC
VDC
VDC
VDC
VDC
VDC
VDC
VDC
VDC
VDC
VDC
16.66
11.0
10.0
7.87
5.72
4.09
4.84
3.93
3.00
2.33
1.90
-
-
-
-
-
-
-
-
-
-
-
10.0
9.16
7.50
5.72
4.84
3.46
3.93
3.00
2.33
1.90
1.57
A
A
A
A
A
A
A
A
A
A
A
5%
5%
4%
3%
2%
50W
55W
60W
63W
MBU61-101
MBU61-102
MBU61-103
MBU61-104
MBU61-105
MBU61-105-1
MBU61-106
MBU61-107
MBU61-108
MBU61-109
MBU61-110
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
63W
63W
63W
63W
63W
63W
45W
3%
3%
3%
3%
2%
2%
Output #1
Output #2
Output #3
Output #4
Model
Number
Vonom
Iomin
Iomax Regmax Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax Regmax Vonom
Iomin
Iomax
Regmax
Maximum
Output
Powe
r
MBU61-200
+3.3V 1.4A
7A
7%
+12V
0.6A
3A
5%
59.1W
MBU61-201
+5V
0.7A
7A
5%
+12V
0.3A
3A
5%
63W
MBU61-202
+5V
0.7A
7A
5%
+15V
0.3A
3A
5%
63W
MBU61-203
+5V
0.7A
7A
5%
+24V
0.4A
2A
5%
63W
MBU61-204
+3.3V 1.4A
7A
7%
+5V
0.5A
5A
5%
48.1W
MBU61-215
+5V
0.7A
7A
5%
-24V
0.2A
2A
5%
63W
MBU61-300
+3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
MBU61-300-1 +3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
MBU61-301
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
63W
MBU61-301-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
63W
MBU61-302
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
MBU61-302-1
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
MBU61-303
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
63W
MBU61-303-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
63W
MBU61-305
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-12V
0A
0.8A
5%
63W
MBU61-305-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+12V
0A
0.8A
5%
63W
MBU61-306
+3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
59.8W
MBU61-306-1 +3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
+5V
0A
0.8A
5%
59.8W
MBU61-308
+3.3V 0.5A
5A
7%
+5V
0.5A
5A
5%
-12V
0A
1A
5%
53.5W
MBU61-308-1 +3.3V 0.5A
5A
7%
+5V
0.5A
5A
5%
+12V
0A
1A
5%
53.5W
MBU61-400
+3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
MBU61-400-1 +3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
MBU61-400-2 +3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
MBU61-400-3 +3.3V 1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
MBU61-401
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
MBU61-401-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
MBU61-401-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
MBU61-401-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
MBU61-402
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
MBU61-402-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
MBU61-402-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W
MBU61-402-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+12V
0A
0.8A
5%
63W
MBU61-403
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
MBU61-403-1
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
MBU61-403-2
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-24V
0A
0.8A
5%
63W
MBU61-403-3
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+24V
0A
0.8A
5%
63W
MBU61-404
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
MBU61-404-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
MBU61-404-2
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
MBU61-404-3
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W


Similar Part No. - MBU61-401-3

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MBU61-401-3 MPSIND-MBU61-401-3 Datasheet
491Kb / 2P
   63W Opne Frame Switching Power Supplies For Medical Equipment.
More results

Similar Description - MBU61-401-3

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MBU60 VOLGEN-MBU60 Datasheet
503Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
logo
MPS Industries, Inc.
MBU61 MPSIND-MBU61 Datasheet
491Kb / 2P
   63W Opne Frame Switching Power Supplies For Medical Equipment.
logo
Volgen Kaga Electronics...
IBU61 VOLGEN-IBU61 Datasheet
383Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
IBU60 VOLGEN-IBU60 Datasheet
393Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
logo
Vitec Power
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA60 Vitec-SMFA60 Datasheet
413Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA60-SERIES Vitec-SMFA60-SERIES Datasheet
413Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
SMFA61-SERIES Vitec-SMFA61-SERIES Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
logo
Total Power Internation...
TPMBU60 TOTAL-POWER-TPMBU60 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU61 TOTAL-POWER-TPMBU61 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com