Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN15P400RFE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TN15P400RFE
Description  20 and 15 Watt TO-220 Package Thick and Thin Film
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TN15P400RFE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TN15P400RFE Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
62
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
63
TK/TN Series
20 and 15 Watt TO-220 Package
Thick and Thin Film
B R A C K E T
6200E: recommended mounting
bracket kit (optional)
0.287"
(7.3mm)
0.039"
(1.0mm)
0.201"
(5.1mm)
0.031"
(0.8mm)
0.701"
(17.8mm)
0.591"
(15mm)
0.394"
(10mm)
0.177"
(4.5mm)
0.004"
(0.1mm)
O R D E R I N G I N F O R M AT I O N
T K 2 0 P 1 R 0 0 J E
Series
TK20 = 20W thick film
TN15 = 15W thin film
Resistance
Example:
R075 = 75mΩ
7R50 = 7.5Ω
75R0 = 75Ω
7K50 = 7500Ω
Tolerance
F = 1%
G= 2%
J = 5%
RoHS
Compliant
TCR
(TN15 only)
P =
±50ppm
L =
±25ppm
V =
±10ppm
X =
±5ppm
S T A N D A R D P A R T N U M B E R S
TK20
TN15
thick film
thin film
20 watt
15 watt
Ohms
5% tol.
1% tol.
2% tol.
0.03
TK20PR030JE
0.04
TK20PR040JE
0.05
TK20PR050JE
0.075
TK20PR075JE
0.1
TK20PR100JE
0.3
TK20PR300JE
0.4
TK20PR400JE
0.5
TK20PR500JE
0.75
TK20PR750JE
1
TK20P1R00JE
3
TK20P3R00JE
4
TK20P4R00JE
TN15P4R00FE
5
TK20P5R00JE
TN15P5R00FE
7.5
TK20P7R50JE
TN15P7R50FE
10
TK20P10R0JE
TN15P10R0GE
30
TK20P30R0JE
TN15P30R0FE
40
TK20P40R0JE
TN15P40R0FE
50
TK20P50R0JE
TN15P50R0FE
75
TK20P75R0JE
TN15P75R0FE
100
TK20P100RJE
TN15P100RGE
300
TK20P300RJE
TN15P300RFE
400
TK20P400RJE
TN15P400RFE
500
TK20P500RJE
TN15P500RFE
750
TK20P750RJE
TN15P750RFE
1000
TK20P1K00JE
TN15P1K00GE
3000
TK20P3K00JE
TN15P3K00FE
4000
TK20P4K00JE
TN15P4K00FE
5000
TK20P5K00JE
TN15P5K00FE
7500
TK20P7K50JE
TN15P7K50FE
10,000
TK20P10K0JE
TN15P10K0GE
Patent pending
0.900"
(22.86mm)
0.240"
(6.10mm)
0.320"
(8.12mm)
radius
1mm
hole
tapped
for 6-32
screw
0.180"
(4.57mm)
S P E C I F I C A T I O N S
Material
Resistive element: Thick or thin film chip resistor
Leads: Tin plated copper (100Sn)
Case: Ryton
Heatsink plate: Black anodized aluminum
Electrical
Thick film TK20
Thin film TN15
Power rating:
20W
15W
(Heat-sink dependent; must be attached to a proper heat sink for full
power rating. Max. case temp. cannot exceed 150°C.)
Derating:
Linear, 100% at 25°C to 0% at 150°C
Resistance Range:
10mΩ-10KΩ
4Ω-10KΩ
Tolerance:
5%
1%, 2%
Max. working voltage: 0.01Ω-1KΩ:
√20*R
√15*R
3KΩ-10KΩ:
150V
200V
Max. working current: 0.01Ω-0.1Ω:
10A
0.3Ω-10KΩ:
√20/R
4Ω-10KΩ:
√15/R
TCR:
0.01Ω-0.1Ω:
±300ppm
0.3Ω-10KΩ:
±200ppm
4Ω-10KΩ:
±50ppm
(lower available)
Thermal resistance. RTH:
<6.25°C/W
<8.33°C/W
Ohmite is proud to introduce
the newest addition to our
family of Heat Sinkable Power
Resistors. The TK/TN Series
offers 3 major advances over
existing TO-220 products:
• Low Resistance Values down
to 0.03 ohms for current sense
applications
• Low Cost
• Thin Film Construction is the
first Thin Film power resistor in
heatsinkable packaging on the
market.
W H Y T H I N F I L M ?
Thin film technology offers the fol-
lowing performance advantages:
• Extremely stable (low TCR)
• Low Noise (parasitic capacitance
and resistance)
• Excellent High Frequency
Performance
• High Accuracy (tight tolerances)
TK/TN
mounted
vertically
Check product availability at
www.ohmite.com


Similar Part No. - TN15P400RFE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TN15P400RFE OHMITE-TN15P400RFE Datasheet
492Kb / 1P
   20 and 15 Watt TO-220 Package Thick and Thin Film
TN15P400RFE OHMITE-TN15P400RFE Datasheet
231Kb / 1P
   Extremely stable
More results

Similar Description - TN15P400RFE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TK20PR030JE OHMITE-TK20PR030JE Datasheet
492Kb / 1P
   20 and 15 Watt TO-220 Package Thick and Thin Film
logo
Bi technologies
BHP BITECH-BHP Datasheet
50Kb / 3P
   Noninductive Planar Low Cost, 20 Watt TO 220 Package Thick Film Resistor
logo
Ohmite Mfg. Co.
TAH20P100RJE OHMITE-TAH20P100RJE Datasheet
110Kb / 1P
   20 Watt TO220 Package Thick Film Power
logo
Riedon Powertron
PF2200 RIEDON-PF2200_13 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2203-100RF1 RIEDON-PF2203-100RF1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2200 RIEDON-PF2200_15 Datasheet
258Kb / 3P
   TO-220 Power Thin Film Resistors
logo
Ohmite Mfg. Co.
TGHHVR100JE OHMITE-TGHHVR100JE Datasheet
162Kb / 1P
   120 and 200 Watt SOT227Package Thick Film Power
TGH OHMITE-TGH Datasheet
429Kb / 2P
   120 and 200 Watt SOT227Package Thick Film Power
logo
Nanjing International G...
BAV99 DGNJDZ-BAV99 Datasheet
83Kb / 2P
   Fast switching in thick and thin-film circuits diode
logo
Riedon Powertron
PF2203-5R6F1 RIEDON-PF2203-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com