Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CO-768PSJ17261.44 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # CO-768PSJ17261.44
Description  Surface Mount Oven Controlled Crystal Oscillators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CO-768PSJ17261.44 Datasheet(HTML) 1 Page - Vectron International, Inc

  CO-768PSJ17261.44 Datasheet HTML 1Page - Vectron International, Inc CO-768PSJ17261.44 Datasheet HTML 2Page - Vectron International, Inc CO-768PSJ17261.44 Datasheet HTML 3Page - Vectron International, Inc CO-768PSJ17261.44 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Data Sheet
CO-760PS Series
Surface Mount Oven Controlled Crystal Oscillators
Features
• Frequencies Available from 4.8 MHz to 61.44 MHz.
• Stability as high as ±2 x 10-8 over -20°C to +70°C
• Aging: 5 x 10-9 / day to 5 x 10-10 / day
• Package: 0.8” x 0.8” x 0.6” (20.5 x 20.5 x 15.2 mm)
• Low Profile, Surface Mount Design
• Supply Voltage: +5 volts or +3.3 volts
Applications
• Telecommunication Systems
• Wireless Communication Equipment
• Data Communications
• Instrumentation
Description
Vectron International has introduced a series of low profile,
surface mount, oven controlled crystal oscillators (OCXOs)
available in frequencies from 4.8 MHz to 61.44 MHz.
The model CO-760PS provides exceptionally low aging
rates and high temperature stabilities and is packaged
as a surface mount device (SMD), measuring 0.8” x
0.8” x 0.6” (20.5mm x 20.5 mm x 15.2 mm).
The oscillators are available with SC or AT cut crystals
and provide an aging rate as low as 5 x 10-10/day with
temperature stabilities from ± 2 x 10-8 over -20°C to
+70°C and operate from a +5V supply steady power of
1watt. The phase noise floor at 50 kHz is - 140 dBc/Hz
for AT cut crystals and - 145 dBc/Hz for SC types,
depending on the output frequency.
The product finds application in telecommunications,
data communications, frequency synthesizers, timing,
navigation, telemetry and instrumentation systems.


Similar Part No. - CO-768PSJ17261.44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CO-768PSJ17 ETC-CO-768PSJ17 Datasheet
124Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
More results

Similar Description - CO-768PSJ17261.44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CO-760PS ETC-CO-760PS Datasheet
124Kb / 4P
   Surface Mount Oven Controlled Crystal Oscillators
logo
Vectron International, ...
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.18.14
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
   Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
   Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-24.576MHZ-M6069LF ABRACON-AOCJYR-24.576MHZ-M6069LF Datasheet
2Mb / 4P
   Oven Controlled Crystal Oscillators
08.20.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com