Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX-2S-02A Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # CX-2S-02A
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX-2S-02A Datasheet(HTML) 2 Page - EUROQUARTZ limited

  CX-2S-02A Datasheet HTML 1Page - EUROQUARTZ limited CX-2S-02A Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CX-2-Leaded -
Bulk Pack (Standard)
Tray Pack (Optional)
Packaging
Typical Application
Conventional HCMOS Pierce Oscillator Circuit
CX-2
9.6MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
CX-2
9.6MHz to 160MHz
MINIATURE AT-CUT
QUARTZ CRYSTAL
Package Handling
The CX crystal is hermetically sealed in a ceramic package.
Normal handling and soldering precautions for small, low thermal
mass parts are adequate when installing or testing CX crystals.
The crystals may be wave soldered, taking proper precautions to
avoid desoldering the leads. A slow machine rate or too high a
pre-heat temperature or solder bath temperature can damage the
crystals. Lead to package solder interface temperature should not
exceed 175°C, and glass lid to package seal rim temperature
should not exceed 210°C. Should the seal rim temperature exceed
these limits the package may lose its hermeticity. Loss of
hermeticity results in a decrease of frequency and increase in
motional resistance.
Order Code
CX-2
“S” if special
or custom design
Blank if standard
Frequency
Side leads
-02
-03
-04
Calibration
Tolerance*
@ 25°C
A, B, C
32MHz
-03
Temperature
Range:
C = Commercial
I = Industrial
M = Military
S = Specify
( A / 25ppm / 50ppm / I )
O.T.=3rd O.T. Mode
Blank = Fundamental
C = Ceramic Lid
Blank = Glass Lid
Frequency
Stability
over
Temperature
Range
Total
Frequency
Tolerance
*For other calibration tolerances
enter figure in ppm
CX-2
Buffer
Amplifier
Osc.
Freq. (Fo)
C
C
C5
RB
R)
+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
2of2


Similar Part No. - CX-2S-02A

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-2S-021.0A EUROQUARTZ-CX-2S-021.0A Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
CX-2S-021.0B EUROQUARTZ-CX-2S-021.0B Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
CX-2S-021.0C EUROQUARTZ-CX-2S-021.0C Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
More results

Similar Description - CX-2S-02A

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-1H-SM EUROQUARTZ-CX-1H-SM Datasheet
118Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM EUROQUARTZ-CX-3V-SM Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-1HG-SM EUROQUARTZ-CX-1HG-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2H-SM EUROQUARTZ-CX-2H-SM Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-2-SM1 EUROQUARTZ-CX-2-SM1 Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-3-SM1 EUROQUARTZ-CX-3-SM1 Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM1 EUROQUARTZ-CX-6V-SM1 Datasheet
100Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM EUROQUARTZ-CX-6V-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2 EUROQUARTZ-CX-2 Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
CX-4V-SM EUROQUARTZ-CX-4V-SM Datasheet
98Kb / 2P
   CX MINIATURE CRYSTALS
CX-6-SM1 EUROQUARTZ-CX-6-SM1 Datasheet
126Kb / 2P
   CX MINIATURE CRYSTALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com