Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5398A-WAFER Datasheet(PDF) 6 Page - Analog Devices

Part # AD5398A-WAFER
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5398A-WAFER Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5398A-WAFER Datasheet HTML 2Page - Analog Devices AD5398A-WAFER Datasheet HTML 3Page - Analog Devices AD5398A-WAFER Datasheet HTML 4Page - Analog Devices AD5398A-WAFER Datasheet HTML 5Page - Analog Devices AD5398A-WAFER Datasheet HTML 6Page - Analog Devices AD5398A-WAFER Datasheet HTML 7Page - Analog Devices AD5398A-WAFER Datasheet HTML 8Page - Analog Devices AD5398A-WAFER Datasheet HTML 9Page - Analog Devices AD5398A-WAFER Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD5398A
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
1
2
VIEW FROM BALL SIDE
3
B
C
Figure 3. 9-Ball WLCSP Pin Configuration
Table 5. 9-Ball WLCSP Pin Function Description
Pin Number
Mnemonic
Description
A1
ISINK
Output Current Sink.
A2
NC
No Connection.
A3
PD
Power-Down. Asynchronous power-down signal.
B1
AGND
Analog Ground Pin.
B2
DGND
Digital Ground Pin.
B3
SDA
I2C Interface Signal.
C1
DGND
Digital Ground Pin.
C2
VDD
Digital Supply Voltage.
C3
SCL
I2C Interface Signal.
PD
1
DGND
2
SDA
3
SCL
4
ISINK
8
AGND
7
VDD
6
DGND
5
1400µm
1690µm
Figure 4. Metallization Photograph
Dimensions shown in μm
Contact Factory for Latest Dimensions


Similar Part No. - AD5398A-WAFER

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5398 AD-AD5398 Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
AD5398 AD-AD5398 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5398 AD-AD5398 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5398BCPZ-REEL AD-AD5398BCPZ-REEL Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
AD5398BCPZ-REEL7 AD-AD5398BCPZ-REEL7 Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
More results

Similar Description - AD5398A-WAFER

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5821A AD-AD5821A Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398 Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
AD5821 AD-AD5821 Datasheet
506Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398_15 Datasheet
580Kb / 17P
   120 mA, Current Sinking, 10-Bit, IC DAC
REV. B
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Princeton Technology Co...
PT5661 PTC-PT5661 Datasheet
217Kb / 5P
   102.3mA, Current Sinking, 10-bit, I짼C DAC
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com