Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5752R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5752R
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752R Datasheet(HTML) 1 Page - Analog Devices

  AD5752R Datasheet HTML 1Page - Analog Devices AD5752R Datasheet HTML 2Page - Analog Devices AD5752R Datasheet HTML 3Page - Analog Devices AD5752R Datasheet HTML 4Page - Analog Devices AD5752R Datasheet HTML 5Page - Analog Devices AD5752R Datasheet HTML 6Page - Analog Devices AD5752R Datasheet HTML 7Page - Analog Devices AD5752R Datasheet HTML 8Page - Analog Devices AD5752R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Complete, Dual, 12-/14-/16-Bit, Serial Input,
Unipolar/Bipolar, Voltage Output DACs
Preliminary Technical Data
AD5722R/AD5732R/AD5752R
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Complete, dual, 12-/14-/16-bit D/A converter
Operates from single/dual supplies
Software programmable output range
+5 V, +10 V, +10.8 V, ±5 V, ±10 V, ±10.8 V
INL error: ±16 LSB maximum, DNL error: ±1 LSB maximum
Total unadjusted error (TUE): 0.1% FSR maximum
Settling time: 10 µs maximum
Integrated reference: 5 ppm/°C typ.
Integrated reference buffers
Output control during power-up/brownout
Simultaneous updating via LDAC
Asynchronous CLR to zero-/mid-scale
DSP-/microcontroller-compatible serial interface
24-lead TSSOP
Operating temperature range: −40°C to +85°C
iCMOS™ process technology1
APPLICATIONS
Industrial automation
Closed-loop servo control, process control
Automotive test and measurement
Programmable logic controllers
GENERAL DESCRIPTION
The AD5722R/AD5732R/AD5752R are dual, 12-/14-/16-bit,
serial input, voltage output, digital-to-analog converters. They
operate from single supply voltages of +4.5 V up to +16.5 V or
dual supply voltages from ±4.5 V up to ±16.5 V. Nominal full-
scale output range is software-selectable from the options of
+5 V, +10 V, +10.8 V, ±5 V, ±10 V, or ±10.8 V. Integrated output
amplifiers, reference buffers, and proprietary power-up/power-
down control circuitry are also provided.
The parts offer guaranteed monotonicity, integral nonlinearity
(INL) of ±16 LSB maximum, low noise, 10 µs maximum settling
time, and an on-chip +2.5 V reference.
The AD5722R/AD5732R/AD5752R use a serial interface that
operates at clock rates up to 30 MHz and are compatible with
DSP and microcontroller interface standards. Double buffering
allows the simultaneous updating of all DACs. The input coding
is user-selectable twos complement or offset binary for a bipolar
output (depending on the state of pin BIN/2sComp), and
straight binary for a unipolar output. The asynchronous clear
function clears all DAC registers to a user-selectable zero-scale
or mid-scale output. The parts are available in a 24-lead TSSOP
and offer guaranteed specifications over the −40°C to +85°C
industrial temperature range.
Table 1. Pin Compatible Devices
Part Number
Description
AD5722/AD5732/AD5752
AD5722R/AD5732R/AD5752R
without internal reference.
AD5724/AD5734/AD5754
Complete, quad, 12-/14-/16-bit,
serial input, unipolar/bipolar,
voltage output DAC.
AD5724R/AD5734R/AD5754R
AD5724/AD5734/AD5754 with
internal reference.
1 For analog systems designers within industrial/instrumentation equipment OEMs who need high performance ICs at higher-voltage levels, iCMOS is a technology
platform that enables the development of analog ICs capable of 30 V and operating at ±15 V supplies while allowing dramatic reductions in power consumption and
package size, and increased AC and DC performance.


Similar Part No. - AD5752R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5752R AD-AD5752R Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
AD5752RBREZ AD-AD5752RBREZ Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5752RBREZ-REEL7 AD-AD5752RBREZ-REEL7 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
More results

Similar Description - AD5752R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722 AD-AD5722_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5722R AD-AD5722R_17 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5732 AD-AD5732_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com