Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5763 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5763
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5763 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5763 Datasheet HTML 2Page - Analog Devices AD5763 Datasheet HTML 3Page - Analog Devices AD5763 Datasheet HTML 4Page - Analog Devices AD5763 Datasheet HTML 5Page - Analog Devices AD5763 Datasheet HTML 6Page - Analog Devices AD5763 Datasheet HTML 7Page - Analog Devices AD5763 Datasheet HTML 8Page - Analog Devices AD5763 Datasheet HTML 9Page - Analog Devices AD5763 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
AD5763
Preliminary Technical Data
Rev. PrA | Page 6 of 31
AC PERFORMANCE CHARACTERISTICS
AVDD = 4.75 V to 5.25 V, AVSS = −4.75 V to −5.25 V, AGNDX = DGND = REFGND = PGND = 0 V; REFA = REFB = 2.048 V;
DVCC = 2.7 V to 5.25 V, RLOAD = 5 kΩ, CLOAD = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
A Grade
B Grade
C Grade
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
Output Voltage Settling Time
8
8
8
µs typ
Full-scale step to ±1 LSB
10
10
10
µs max
2
2
2
µs typ
512 LSB step settling
Slew Rate
5
5
5
V/µs typ
Digital-to-Analog Glitch Energy
8
8
8
nV-sec typ
Glitch Impulse Peak Amplitude
25
25
25
mV max
Channel-to-Channel Isolation
80
80
80
dB typ
DAC-to-DAC Crosstalk
8
8
8
nV-sec typ
Digital Crosstalk
2
2
2
nV-sec typ
Digital Feedthrough
2
2
2
nV-sec typ
Effect of input bus activity on DAC
outputs
Output Noise (0.1 Hz to 10 Hz)
0.1
0.1
0.1
LSB p-p typ
Output Noise (0.1 Hz to 100 kHz)
45
45
45
µV rms max
1/f Corner Frequency
1
1
1
kHz typ
Output Noise Spectral Density
60
60
60
nV/√Hz typ
Measured at 10 kHz
Complete System Output Noise Spectral
Density2
80
80
80
nV/√Hz typ
Measured at 10 kHz
1 Guaranteed by design and characterization; not production tested.
2 Includes noise contributions from integrated reference buffers, 16-bit DAC and output amplifier.


Similar Part No. - AD5763

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5760 AD-AD5760 Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
599Kb / 28P
   System Ready, 18-Bit 짹1 LSB INL
REV. C
AD5760 AD-AD5760 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
595Kb / 27P
   Voltage Output DAC
AD5760ACPZ AD-AD5760ACPZ Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
More results

Similar Description - AD5763

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5765 AD-AD5765 Datasheet
307Kb / 31P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Rev. PrA
AD5762R AD-AD5762R Datasheet
495Kb / 33P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Rev. PrA
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5762R AD-AD5762R_16 Datasheet
704Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722R AD-AD5722R Datasheet
295Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5732 AD-AD5732_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com