Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5765 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5765
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5765 Datasheet(HTML) 4 Page - Analog Devices

  AD5765 Datasheet HTML 1Page - Analog Devices AD5765 Datasheet HTML 2Page - Analog Devices AD5765 Datasheet HTML 3Page - Analog Devices AD5765 Datasheet HTML 4Page - Analog Devices AD5765 Datasheet HTML 5Page - Analog Devices AD5765 Datasheet HTML 6Page - Analog Devices AD5765 Datasheet HTML 7Page - Analog Devices AD5765 Datasheet HTML 8Page - Analog Devices AD5765 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
AD5765
Preliminary Technical Data
Rev. PrA | Page 4 of 31
SPECIFICATIONS
AVDD = 4.75 V to 5.25 V, AVSS = −4.75 V to −5.25 V, AGNDX = DGND = REFGND = PGND = 0 V; REFAB = REFCD = 2.048 V;
DVCC = 2.7 V to 5.25 V, RLOAD = 5 kΩ, CLOAD = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
B Grade1
C Grade1
Unit
Test Conditions/Comments
ACCURACY
Outputs unloaded
Resolution
16
16
Bits
Relative Accuracy (INL)
±2
±1
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed monotonic
Bipolar Zero Error
±2
±2
mV max
At 25°C; error at other
temperatures obtained using
bipolar zero TC
Bipolar Zero TC2
±2
±2
ppm FSR/°C max
Zero-Scale Error
±2
±2
mV max
At 25°C; error at other
temperatures obtained using zero
scale TC
Zero-Scale TC2
±2
±2
ppm FSR/°C max
Gain Error
±0.02
±0.02
% FSR max
At 25°C; error at other
temperatures obtained using gain
TC
Gain TC2
±2
±2
ppm FSR/°C max
DC Crosstalk2
0.5
0.5
LSB max
REFERENCE INPUT2
Reference Input Voltage
2.048
2.048
V nominal
±1% for specified performance
DC Input Impedance
1
1
MΩ min
Typically 100 MΩ
Input Current
±10
±10
µA max
Typically ±30 nA
Reference Range
1 to 2.1
1 to 2.1
V min to V max
OUTPUT CHARACTERISTICS2
Output Voltage Range3
±4.311
±4.311
V min/V max
REFIN = 2.048V
±4.42
±4.42
V min/V max
REFIN = 2.1V
Output Voltage Drift vs. Time
±13
±13
ppm FSR/500 hours typ
±15
±15
ppm FSR/1000 hours typ
Short Circuit Current
10
10
mA typ
RISCC = 6 kΩ, see Figure 29
Load Current
±1
±1
mA max
For specified performance
Capacitive Load Stability
RL = ∞
200
200
pF max
RL = 10 kΩ
1000
1000
pF max
DC Output Impedance
0.3
0.3
Ω max
DIGITAL INPUTS2
DVCC = 2.7 V to 5.25 V, JEDEC
compliant
VIH, Input High Voltage
2
2
V min
VIL, Input Low Voltage
0.8
0.8
V max
Input Current
±1
±1
µA max
Per pin
Pin Capacitance
10
10
pF max
Per pin


Similar Part No. - AD5765

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5760 AD-AD5760 Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
599Kb / 28P
   System Ready, 18-Bit 짹1 LSB INL
REV. C
AD5760 AD-AD5760 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
595Kb / 27P
   Voltage Output DAC
AD5760ACPZ AD-AD5760ACPZ Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
More results

Similar Description - AD5765

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5763 AD-AD5763 Datasheet
300Kb / 31P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Rev. PrA
AD5762R AD-AD5762R Datasheet
495Kb / 33P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Rev. PrA
AD5764BSUZ AD-AD5764BSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy
Rev. F
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764 AD-AD5764 Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5744 AD-AD5744 Datasheet
377Kb / 27P
   Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA 15-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com