Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7352YRUZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7352YRUZ
Description  Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352YRUZ Datasheet(HTML) 5 Page - Analog Devices

  AD7352YRUZ Datasheet HTML 1Page - Analog Devices AD7352YRUZ Datasheet HTML 2Page - Analog Devices AD7352YRUZ Datasheet HTML 3Page - Analog Devices AD7352YRUZ Datasheet HTML 4Page - Analog Devices AD7352YRUZ Datasheet HTML 5Page - Analog Devices AD7352YRUZ Datasheet HTML 6Page - Analog Devices AD7352YRUZ Datasheet HTML 7Page - Analog Devices AD7352YRUZ Datasheet HTML 8Page - Analog Devices AD7352YRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7352
Rev. 0 | Page 5 of 20
TIMING SPECIFICATIONS
VDD = 2.5 V ± 10%, VDRIVE = 2.25 V to 3.6 V, internal reference = 2.048 V, TA = TMAX to TMIN1, unless otherwise noted.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
50
kHz min
48
MHz max
tCONVERT
t2 + 13 × tSCLK
ns max
tSCLK = 1/fSCLK
tQUIET
5
ns min
Minimum time between end of serial read and next falling edge of CS
t2
5
ns min
CS to SCLK setup time
t32
6
ns max
Delay from CS until SDATAA and SDATAB are three-state disabled
t42, 3
Data access time after SCLK falling edge
12.5
ns max
1.8 V ≤ VDRIVE < 2.25 V
11
ns max
2.25 V ≤ VDRIVE < 2.75 V
9.5
ns max
2.75 V ≤ VDRIVE < 3.3 V
9
ns max
3.3 V ≤ VDRIVE ≤ 3.6 V
t5
5
ns min
SCLK low pulse width
t6
5
ns min
SCLK high pulse width
t72
3.5
ns min
SCLK to data valid hold time
t82
9.5
ns max
CS rising edge to SDATA , SDATAB high impedance
A
t9
5
ns min
CS rising edge to falling edge pulse width
t102
4.5
ns min
SCLK falling edge to SDATAA, SDATAB high impedance
9.5
ns max
SCLK falling edge to SDATAA, SDATAB high impedance
1 Temperature ranges are as follows: Y grade: −40°C to +125°C; B grade: −40°C to +85°C.
2 Specified with a load capacitance of 10 pF on SDATAA and SDATAB.
3 The time required for the output to cross 0.4 V or 2.4 V.


Similar Part No. - AD7352YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7352YRUZ AD-AD7352YRUZ Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7352YRUZ AD-AD7352YRUZ Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352YRUZ-500RL7 AD-AD7352YRUZ-500RL7 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7352YRUZ-500RL7 AD-AD7352YRUZ-500RL7 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352YRUZ-RL AD-AD7352YRUZ-RL Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
More results

Similar Description - AD7352YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com