Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7352YRUZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7352YRUZ
Description  Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352YRUZ Datasheet(HTML) 1 Page - Analog Devices

  AD7352YRUZ Datasheet HTML 1Page - Analog Devices AD7352YRUZ Datasheet HTML 2Page - Analog Devices AD7352YRUZ Datasheet HTML 3Page - Analog Devices AD7352YRUZ Datasheet HTML 4Page - Analog Devices AD7352YRUZ Datasheet HTML 5Page - Analog Devices AD7352YRUZ Datasheet HTML 6Page - Analog Devices AD7352YRUZ Datasheet HTML 7Page - Analog Devices AD7352YRUZ Datasheet HTML 8Page - Analog Devices AD7352YRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Differential Input, Dual, Simultaneous
Sampling, 3 MSPS, 12-Bit, SAR ADC
AD7352
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 12-bit SAR ADC
Simultaneous sampling
Throughput rate: 3 MSPS per channel
Specified for VDD at 2.5 V
No conversion latency
Power dissipation: 26 mW at 3 MSPS
On-chip reference: 2.048 V ± 0.25%, 6 ppm/°C
Dual conversion with read
High speed serial interface: SPI-/QSPI™-/MICROWIRE™-/ DSP-
compatible
−40°C to +125°C operation
Available in a 16-lead TSSOP
FUNCTIONAL BLOCK DIAGRAM
SCLK
AD7352
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
SDATAA
CS
SDATAB
DGND
REFGND
AGND
VDRIVE
VDD
AGND
T/H
T/H
BUF
BUF
REF
VINA+
VINA–
REFA
VINB+
VINB–
REFB
Figure 1.
GENERAL DESCRIPTION
The AD73521 is a dual, 12-bit, high speed, low power, successive
approximation ADC that operates from a single 2.5 V power
supply and features throughput rates up to 3 MSPS. The part
contains two ADCs, each preceded by a low noise, wide band-
width track-and-hold circuit that can handle input frequencies
in excess of 110 MHz.
The conversion process and data acquisition use standard
control inputs allowing for easy interfacing to microprocessors
or DSPs. The input signal is sampled on the falling edge of CS;
and a conversion is also initiated at this point. The conversion
time is determined by the SCLK frequency.
The AD7352 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. With a 2.5 V
supply and a 3 MSPS throughput rate, the part consumes 10 mA
typically. The part also offers a flexible power/throughput rate
management options.
The analog input range for the part is the differential common-
mode ±VREF/2. The AD7352 has an on-chip 2.048 V reference
that can be overdriven when an external reference is preferred.
The AD7352 is available in a 16-lead thin shrink small outline
package (TSSOP).
PRODUCT HIGHLIGHTS
1.
Two Complete ADC Functions.
These functions allow simultaneous sampling and conversion
of two channels. The conversion result of both channels is
simultaneously available on separate data lines or in suc-
cession on one data line if only one serial port is available.
2.
High Throughput With Low Power Consumption.
The AD7352 offers a 3 MSPS throughput rate with 26 mW
power consumption.
3.
No Conversion Latency.
The AD7352 features two standard successive approx-
imation ADCs with accurate control of the sampling
instant via a CS input and, once off, conversion control.
Table 1. Related Devices
Generic
Resolution
Throughput
Analog Input
AD7356
12-bit
5 MSPS
Differential
AD7266
12-bit
2 MSPS
Differential/single ended
AD7866
12-bit
1 MSPS
Single-ended
AD7366
12-bit
1 MSPS
Single-ended bipolar
AD7367
14-bit
1 MSPS
Single-ended bipolar
1 Protected by U.S. Patent No. 6,681,332.


Similar Part No. - AD7352YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7352YRUZ AD-AD7352YRUZ Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7352YRUZ AD-AD7352YRUZ Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352YRUZ-500RL7 AD-AD7352YRUZ-500RL7 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7352YRUZ-500RL7 AD-AD7352YRUZ-500RL7 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352YRUZ-RL AD-AD7352YRUZ-RL Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
More results

Similar Description - AD7352YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com