Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7357 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7357
Description  Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357 Datasheet(HTML) 4 Page - Analog Devices

  AD7357_08 Datasheet HTML 1Page - Analog Devices AD7357_08 Datasheet HTML 2Page - Analog Devices AD7357_08 Datasheet HTML 3Page - Analog Devices AD7357_08 Datasheet HTML 4Page - Analog Devices AD7357_08 Datasheet HTML 5Page - Analog Devices AD7357_08 Datasheet HTML 6Page - Analog Devices AD7357_08 Datasheet HTML 7Page - Analog Devices AD7357_08 Datasheet HTML 8Page - Analog Devices AD7357_08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7357
Preliminary Technical Data
Rev. PrF | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VINH
0.6 × VDRIVE
V
Input Low Voltage, VINL
0.3 × VDRIVE
V
Input Current, IIN
±1
µA
VIN = 0 V or VDRIVE
Input Capacitance, CIN
3
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE −0.2
V
Output Low Voltage, VOL
0.2
V
Floating-State Leakage Current
±1
µA
Floating-State Output Capacitance
5.5
pF
Output Coding
Straight Binary
CONVERSION RATE
Conversion Time
t2 + 15 × tSCLK
ns
Track-and-Hold Acquisition Time
30
ns
Full-scale step input
Throughput Rate
4.2
MSPS
POWER REQUIREMENTS
VDD
2.25
2.75
V
Nominal VDD = 2.5 V
VDRIVE
2.25
3.6
V
ITOTAL3
Digital inputs = 0 V or VDRIVE
Normal Mode (Operational)
14
20
mA
Normal Mode (Static)
6
7.5
mA
SCLK on or off
Partial Power-Down Mode
3.5
4.5
mA
SCLK on or off
Full Power-Down Mode
5
40
µA
SCLK on or off
Power Dissipation
Normal Mode (Operational)
36
59
mW
Normal Mode (Static)
16
21
mW
SCLK on or off
Partial Power-Down Mode
9.5
11.5
mW
SCLK on or off
Full Power-Down Mode
16
110
µW
SCLK on or off
1 Temperature ranges are as follows: Y grade: −40°C to +125°C, B grade: −40°C to +85°C.
2 See the Terminology section.
3 ITOTAL is the total current flowing in VDD and VDRIVE.


Similar Part No. - AD7357_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
More results

Similar Description - AD7357_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com