Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9239BCPZ-210 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9239BCPZ-210
Description  Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239BCPZ-210 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9239BCPZ-210 Datasheet HTML 3Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 4Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 5Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 6Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 7Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 8Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 9Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 10Page - Analog Devices AD9239BCPZ-210 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
AD9239
Rev. 0 | Page 7 of
40
TIMING DIAGRAM
...
...
...
...
...
...
...
...
SAMPLE
N
SERIAL CODED SAMPLES: N – 40, N – 39, N – 38, N – 37 ...
N – 39
N – 40
N – 38
N – 37
N + 1
ANALOG
INPUT SIGNAL
SAMPLE
RATE CLOCK
SAMPLE
RATE CLOCK
SERIAL
DATA OUT
DATA PACKET 1
(64 BITS)
8-BIT HEADER
CHANNEL ID
48-BIT ADC
DATA-WORD
8-BIT ERROR
CORRECTION
Figure 2. Timing Diagram
Table 1. Packet Protocol
Bits[64:57]
Bits[56:45]
Bits[44:33]
Bits[32:21]
Bits[20:9]
Bits[8:1]
Header
Data 1
Data 2
Data 3
Data 4
ECC
(8 bits MSB first)
(12 bits MSB first)
(12 bits MSB first)
(12 bits MSB first)
(12 bits MSB first)
(8 bits MSB first)


Similar Part No. - AD9239BCPZ-210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9239BCPZ-210 AD-AD9239BCPZ-210 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
More results

Similar Description - AD9239BCPZ-210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com