Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4505-4 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4505-4
Description  10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-4 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4505-4 Datasheet HTML 7Page - Analog Devices ADA4505-4 Datasheet HTML 8Page - Analog Devices ADA4505-4 Datasheet HTML 9Page - Analog Devices ADA4505-4 Datasheet HTML 10Page - Analog Devices ADA4505-4 Datasheet HTML 11Page - Analog Devices ADA4505-4 Datasheet HTML 12Page - Analog Devices ADA4505-4 Datasheet HTML 13Page - Analog Devices ADA4505-4 Datasheet HTML 14Page - Analog Devices ADA4505-4 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADA4505-2/ADA4505-4
Rev. A | Page 11 of
20
80
70
60
50
40
30
20
10
0
10
100
1000
CAPACITANCE (pF)
TA = 25°C, unless otherwise noted.
80
70
60
50
40
30
20
10
0
10
100
1000
CAPACITANCE (pF)
VSY = 1.8V
VIN = 10mV p-p
RL = 100kΩ
VSY = 5V
VIN = 10mV p-p
RL = 100kΩ
OS+
OS–
OS+
OS–
Figure 34. Small Signal Overshoot vs. Load Capacitance
Figure 37. Small Signal Overshoot vs. Load Capacitance
T
TIME (200µs/DIV)
LOAD = 100kΩ || 100pF
VSY = 1.8V
1.490V p-p
Figure 35. Large Signal Transient Response
T
TIME (200µs/DIV)
LOAD = 100kΩ || 100pF
VSY = 1.8V
Figure 36. Small Signal Transient Response
T
LOAD = 100kΩ || 100pF
VSY = 5V
3.959V p-p
TIME (200µs/DIV)
Figure 38. Large Signal Transient Response
T
LOAD = 100kΩ || 100pF
VSY = 5V
TIME (200µs/DIV)
Figure 39. Small Signal Transient Response


Similar Part No. - ADA4505-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4505-4 AD-ADA4505-4 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
ADA4505-4 AD-ADA4505-4 Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
ADA4505-4 AD-ADA4505-4 Datasheet
846Kb / 24P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-4ACBZ-R7 AD-ADA4505-4ACBZ-R7 Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
ADA4505-4ACBZ-R7 AD-ADA4505-4ACBZ-R7 Datasheet
846Kb / 24P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
More results

Similar Description - ADA4505-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
AD8505 AD-AD8505_16 Datasheet
655Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
logo
Texas Instruments
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com