Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4817-2ACPZ-RL Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4817-2ACPZ-RL
Description  Low Noise, 1 GHz FastFET Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-RL Datasheet(HTML) 2 Page - Analog Devices

  ADA4817-2ACPZ-RL Datasheet HTML 1Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 2Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 3Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 4Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 5Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 6Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 7Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 8Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADA4817-1/ADA4817-2
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagrams...................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
±5 V Operation............................................................................. 3
5 V Operation ............................................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
Maximum Safe Power Dissipation ............................................. 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Test Circuits..................................................................................... 12
Theory of Operation ...................................................................... 13
Closed-Loop Frequency Response........................................... 13
Noninverting Closed-Loop Frequency Response .................. 13
Inverting Closed-Loop Frequency Response ............................. 13
Wideband Operation ................................................................. 14
Driving Capacitive Loads.......................................................... 14
Thermal Considerations............................................................ 14
Power-Down Operation ............................................................ 15
Capacitive Feedback................................................................... 15
Layout, Grounding, and Bypassing Considerations .................. 16
Signal Routing............................................................................. 16
Power Supply Bypassing ............................................................ 16
Grounding ................................................................................... 16
Exposed Paddle........................................................................... 16
Leakage Currents........................................................................ 17
Input Capacitance ...................................................................... 17
Input-to-Input/Output Coupling............................................. 17
Applications Information .............................................................. 18
Low Distortion Pinout............................................................... 18
Wideband Photodiode Preamp ................................................ 18
High Speed JFET Input Instrumentation Amplifier.............. 20
Active Low-Pass Filter (LPF) .................................................... 21
Outline Dimensions ....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
11/08—Revision 0: Initial Version


Similar Part No. - ADA4817-2ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4817-2ACPZ-RL AD-ADA4817-2ACPZ-RL Datasheet
543Kb / 28P
   Low Noise, 1 GHz FastFET Op Amps
REV. B
ADA4817-2ACPZ-RL AD-ADA4817-2ACPZ-RL Datasheet
624Kb / 25P
   Low Noise, 1 GHz FastFET Op Amps
More results

Similar Description - ADA4817-2ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4817-1ARDZ AD-ADA4817-1ARDZ Datasheet
543Kb / 28P
   Low Noise, 1 GHz FastFET Op Amps
REV. B
ADA4817-1 AD-ADA4817-1_16 Datasheet
624Kb / 25P
   Low Noise, 1 GHz FastFET Op Amps
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com