Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13202_0812 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC13202_0812
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13202_0812 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC13202_0812 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13202_0812 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13202_0812 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13202_0812 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13202_0812 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13202_0812 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13202_0812 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13202_0812 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13202_0812 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MC13202 Technical Data, Rev. 1.5
10
Freescale Semiconductor
5.4
AC Electrical Characteristics
Table 4. Receiver AC Electrical Characteristics
(VBATT, VDDINT = 2.7 V, TA = 25 °C, fref = 16 MHz, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Sensitivity for 1% Packet Error Rate (PER) (-40 to +85 °C)
SENSper
--92
-
dBm
Sensitivity for 1% Packet Error Rate (PER) (+25 °C)
-
-92
-87
dBm
Saturation (maximum input level)
SENSmax
-10-
dBm
Channel Rejection for dual port mode (1% PER and desired signal -82 dBm)
+5 MHz (adjacent channel)
-5 MHz (adjacent channel)
+10 MHz (alternate channel)
-10 MHz (alternate channel)
>= 15 MHz
-
-
-
-
-
31
30
43
41
53
-
-
-
-
-
dB
dB
dB
dB
dB
Frequency Error Tolerance
-
-
200
kHz
Symbol Rate Error Tolerance
-
-
80
ppm
Table 5. Transmitter AC Electrical Characteristics
(VBATT, VDDINT = 2.7 V, TA = 25 °C, fref = 16 MHz, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Power Spectral Density (-40 to +85 °C) Absolute limit
-
-47
-
dBm
Power Spectral Density (-40 to +85 °C) Relative limit
-
47
-
Nominal Output Power1
1 SPI Register 12 programmed to 0x00BC which sets output power to nominal (-1 dBm typical).
Pout
-4
-1
2
dBm
Maximum Output Power2
2 SPI Register 12 programmed to 0x00FF which sets output power to maximum.
4dBm
Error Vector Magnitude
EVM
-
20
35
%
Output Power Control Range
-
30
-
dB
Over the Air Data Rate
-
250
-
kbps
2nd Harmonic3
3 Measured with output power set to nominal (0 dBm) and temperature @ 25 °C
--48
-
dBc
3rd Harmonic3
--70
-
dBc


Similar Part No. - MC13202_0812

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13202 FREESCALE-MC13202_08 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

Similar Description - MC13202_0812

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com