Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34676 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC34676
Description  Dual 28 V Input Voltage Charger with Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34676 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34676 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34676 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34676
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
USBOUT REGULATOR
Output Voltage
VUSB=5.35 V, IUSBOUT=10 mA
VUSBOUT
4.63
4.85
5.0
V
Dropout Voltage
At 45 mA output current
-
-
250
mV
Output Current Limit
46
-
-
mA
Output Pull-down Resistance
-
200
-
k
Ω
BATTERY DETECTION INPUT
Internal Pull-up Current
IBATDET
2.0
4.0
6.0
μA
Comparator Falling Threshold
VBATDET
1.65
1.75
1.85
V
Hysteresis
-
200
-
mV
LOGIC INPUT AND OUTPUT
USBEN Input High
VIH
1.5
-
-
V
USBEN Input Low
VIL
-
-
0.5
V
USBEN Internal Pull-down Current
-
-
5.0
μA
Open-drain Output Low
10 mA sink current
-
-
0.6
V
PPR and CHG Leakage Current When the Output is High-impedance
VCHG = VPPR = 5.0 V
-
-
1.0
μA
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions VAC = VUSB = 5.0 V, -40°C ≤ TA ≤ 85°C, C1 = C2 = C4 = 1.0 μF and C3 = 0.1 μF (See
Figure 1), unless otherwise noted. Typical values noted reflect the approximate parameter means at VAC = VUSB = 5.0 V and
TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC34676

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34670 FREESCALE-MC34670 Datasheet
720Kb / 24P
   IEEE 802.3af PD With Current Mode Switching Regulator
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
MC34671 NXP-MC34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671AEP FREESCALE-MC34671AEP Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671AEP/R2 FREESCALE-MC34671AEP/R2 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
More results

Similar Description - MC34676

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
   28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
logo
Zilog, Inc.
IXD1701 ZILOG-IXD1701 Datasheet
3Mb / 33P
   28 V Input High Speed Voltage Regulator
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM4055A HMSEMI-HM4055A Datasheet
1Mb / 16P
   9V Input Voltage Battery Linear Charger
logo
Monolithic Power System...
MP2608 MPS-MP2608 Datasheet
453Kb / 12P
   28V, 1A Dual Input Linear Battery Charger With Timer
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
   High Input Voltage Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM5030 HMSEMI-HM5030 Datasheet
361Kb / 10P
   High input Voltage Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com