Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1491EBRMZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1491EBRMZ-REEL7
Description  16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1491EBRMZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1491EBRMZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM1491E
Rev. 0 | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC
1
RO
2
RE
3
DE
4
VCC
14
VCC
13
A
12
B
11
DI
5
Z
10
GND 6
Y
9
GND 7
NC
8
NC = NO CONNECT
ADM1491E
TOP VIEW
(Not to Scale)
ADM1491E
TOP VIEW
(Not to Scale)
Figure 6. 14-Lead Narrow-Body SOIC Pin Configuration
RO
1
RE
2
DE
3
DI
4
GND
5
VCC
10
A
9
B
8
Z
7
Y
6
Figure 7. 10-Lead MSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
14-Lead SOIC
Mnemonic
Description
10-Lead MSOP
1
N/A1
NC
No Connect. This pin is available on the 14-lead SOIC only.
2
1
RO
Receiver Output.
3
2
RE
Receiver Output Enable. A low level enables the receiver output, whereas a high level
places the receiver output in a high impedance state.
4
3
DE
Driver Output Enable. A high level enables the differential driver outputs, A and B,
whereas a low places the differential driver outputs in a high impedance state.
5
4
DI
Driver Input. When the driver is enabled, a logic low on DI forces A low and B high,
whereas logic high on DI forces A high and B low.
6
5
GND
Ground.
7
N/A1
GND
Ground. This pin is available on the 14-lead SOIC only.
8
N/A1
NC
No Connect. This pin is available on the 14-lead SOIC only.
9
6
Y
Noninverting Driver Output Y.
10
7
Z
Inverting Driver Output Z.
11
8
B
Inverting Receiver Input B.
12
9
A
Noninverting Receiver Input A.
13
10
VCC
Power Supply (5 V ± 5%).
14
N/A1
VCC
Power Supply (5 V ± 5%). This pin is available on the 14-lead SOIC only.
1 N/A indicates not applicable to the MSOP.


Similar Part No. - ADM1491EBRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
341Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
More results

Similar Description - ADM1491EBRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1490E AD-ADM1490E_V01 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1490E AD-ADM1490E Datasheet
341Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. B
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com