Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMP401-1ACEZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMP401-1ACEZ-RL7
Description  Omnidirectional Microphone with Bottom Port and Analog Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP401-1ACEZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADMP401-1ACEZ-RL7 Datasheet HTML 1Page - Analog Devices ADMP401-1ACEZ-RL7 Datasheet HTML 2Page - Analog Devices ADMP401-1ACEZ-RL7 Datasheet HTML 3Page - Analog Devices ADMP401-1ACEZ-RL7 Datasheet HTML 4Page - Analog Devices ADMP401-1ACEZ-RL7 Datasheet HTML 5Page - Analog Devices ADMP401-1ACEZ-RL7 Datasheet HTML 6Page - Analog Devices ADMP401-1ACEZ-RL7 Datasheet HTML 7Page - Analog Devices ADMP401-1ACEZ-RL7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Omnidirectional Microphone with
Bottom Port and Analog Output
Preliminary Technical Data
ADMP401-1
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
4.72 mm × 3.76 mm × 1.0 mm surface mount package
High SNR: 62 dBA
High sensitivity: −37 dBV
Flat frequency response from 100 Hz to over 12 kHz
Low current consumption: <200 μA
Single-ended analog output
High PSRR: >50 dB
Compatible with Sn/Pb and Pb-free solder processes
RoHS/WEEE compliant
APPLICATIONS
Cell phones
PC audio
Digital cameras
Bluetooth headsets
GENERAL DESCRIPTION
The ADMP401-1 is a high quality, low cost, low power analog
output bottom-ported omnidirectional MEMS microphone.
The ADMP401-1 consists of a MEMS microphone element and
an output amplifier. The ADMP401-1 has a high SNR and high
sensitivity, making it an excellent choice for far field applications.
The ADMP401-1 has a flat wideband frequency response
resulting in natural sound with high intelligibility. Low current
consumption enables long battery life for portable applications.
A built-in particle filter provides for high reliability.
The ADMP401-1 is available in a thin 4.72 mm × 3.76 mm ×
1.0 mm surface mount package. The ADMP401-1 is reflow
solder compatible with no sensitivity degradation.
FUNCTIONAL BLOCK DIAGRAM
VDD
GND
MEMBRANE
BACKPLATE
MEMS
SIGNAL
MEMS
VBIAS
REFERENCE VOLTAGE
BIAS CURRENT
BUFFER
OUTPUT
DRIVER
+
MEMS
ASIC
OUTPUT
FILTER
CHARGE
PUMP
GENERATOR
Figure 1.


Similar Part No. - ADMP401-1ACEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP401ACEZ-RL AD-ADMP401ACEZ-RL Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP401ACEZ-RL7 AD-ADMP401ACEZ-RL7 Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
More results

Similar Description - ADMP401-1ACEZ-RL7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
logo
Analog Devices
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP404 AD-ADMP404 Datasheet
370Kb / 12P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
   Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
logo
TDK Electronics
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
   Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
   Omnidirectional Microphone with Bottom Port and Analog Output
logo
Analog Devices
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
   Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
   Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
   Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com