Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1412ARWZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADUM1412ARWZ
Description  Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1412ARWZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM1412ARWZ Datasheet HTML 6Page - Analog Devices ADUM1412ARWZ Datasheet HTML 7Page - Analog Devices ADUM1412ARWZ Datasheet HTML 8Page - Analog Devices ADUM1412ARWZ Datasheet HTML 9Page - Analog Devices ADUM1412ARWZ Datasheet HTML 10Page - Analog Devices ADUM1412ARWZ Datasheet HTML 11Page - Analog Devices ADUM1412ARWZ Datasheet HTML 12Page - Analog Devices ADUM1412ARWZ Datasheet HTML 13Page - Analog Devices ADUM1412ARWZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADuM1410/ADuM1411/ADuM1412
Rev. G | Page 10 of 24
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-to-Output)1
RI-O
1012
Ω
Capacitance (Input-to-Output)1
CI-O
2.2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction-to-Case Thermal Resistance
Side 1
θJCI
33
°C/W
Side 2
θJCO
28
°C/W
Thermocouple located at center of package underside
1 The device is considered a 2-terminal device; Pin 1 through Pin 8 are shorted together, and Pin 9 through Pin 16 are shorted together.
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADuM141x have been approved by the organizations listed in Table 5. See Table 10 and the Insulation Lifetime section for
recommended maximum working voltages for specific cross-isolation waveforms and insulation levels.
Table 5.
UL
CSA
VDE
Recognized Under 1577 Component
Recognition Program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to DIN V VDE V 0884-10 (VDE
V 0884-10): 2006-122
Double/Reinforced Insulation,
2500 V rms Isolation Voltage
Basic insulation per CSA 60950-1-03 and
IEC 60950-1, 800 V rms (1131 V peak)
maximum working voltage
Reinforced insulation per CSA 60950-1-03
and IEC 60950-1, 400 V rms (566 V peak)
maximum working voltage
Reinforced insulation, 560 V peak
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL1577, each ADuM141x is proof tested by applying an insulation test voltage ≥3000 V rms for 1 sec (current leakage detection limit = 5 μA).
2 In accordance with DIN V VDE V 0884-10, each ADuM141x is proof tested by applying an insulation test voltage ≥1050 V peak for 1 second (partial discharge detection
limit = 5 pC). The asterisk (*) marked on the component designates DIN V VDE V 0884-10 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
7.7
mm min
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
8.1
mm min
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017
mm min
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)


Similar Part No. - ADUM1412ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1412ARWZ AD-ADUM1412ARWZ Datasheet
525Kb / 20P
   Quad-Channel Digital Isolators
Rev. E
ADUM1412ARWZ AD-ADUM1412ARWZ Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM1412ARWZ-RL AD-ADUM1412ARWZ-RL Datasheet
525Kb / 20P
   Quad-Channel Digital Isolators
Rev. E
ADUM1412ARWZ-RL AD-ADUM1412ARWZ-RL Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
More results

Similar Description - ADUM1412ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com