Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3200 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV3200
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3200 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV3200 Datasheet HTML 7Page - Analog Devices ADV3200 Datasheet HTML 8Page - Analog Devices ADV3200 Datasheet HTML 9Page - Analog Devices ADV3200 Datasheet HTML 10Page - Analog Devices ADV3200 Datasheet HTML 11Page - Analog Devices ADV3200 Datasheet HTML 12Page - Analog Devices ADV3200 Datasheet HTML 13Page - Analog Devices ADV3200 Datasheet HTML 14Page - Analog Devices ADV3200 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 11 of
36
TRUTH TABLE AND LOGIC DIAGRAM
Table 8. Operation Truth Table
CS
UPDATE
CLK
DATA IN
DATA OUT
RESET
Operation/Comment
X1
X
X
X
X
0
Asynchronous reset. All outputs are disabled. The 193-bit shift
register is reset to all 0s.
0
1
Datai2
Datai-193
1
The data on the serial DATA IN line is loaded into the serial
register. The first bit clocked into the serial register appears at
DATA OUT 193 clock cycles later.
0
0
X
X
X
1
Switch matrix update. Data in the 193-bit shift register is trans-
ferred into the parallel latches that control the switch array and
sync-tip clamps.
1
X
X
X
X
1
Chip is not selected. No change in logic.
1 X = don’t care.
2 Datai: serial data.
OUT00
0
LSB
192
LE
D
CLR Q
OUT00
1
LSB
191
LE
D
CLR Q
OUT00
2
LSB
190
LE
D
CLR Q
OUT00
3
LSB
189
LE
D
CLR Q
OUT00
4
LSB
188
LE
D
CLR Q
OUT00
EN
MSB
187
LE
D
CLR Q
OUT01
0
LSB
186
LE
D
CLR Q
OUT30
EN
MSB
7
LE
D
CLR Q
OUT31
0
LSB
6
LE
D
CLR Q
OUT31
1
LSB
5
LE
D
CLR Q
OUT31
2
LSB
4
LE
D
CLR Q
OUT31
3
LSB
3
LE
D
CLR Q
OUT31
4
LSB
2
LE
D
CLR Q
OUT31
EN
MSB
1
LE
D
CLR Q
OUT31
SYNC
TIP
EN
0
LE
D
CLR Q
D
CLR
Q
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
. . .
DATA
OUT
DATA
IN
RESET
RESET
CLK
CS
UPDATE
. . .
DECODE
SWITCH MATRIX
1024
32
OUTPUT
ENABLE
CLR
CLR
CLR
CLR
CLR
CLR
CLR
CLR
CLR
CLR
CLR
CLR
CLR
CLR
Figure 6. Logic Diagram


Similar Part No. - ADV3200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3202ASWZ AD-ADV3202ASWZ Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3203 AD-ADV3203 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3203ASWZ AD-ADV3203ASWZ Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3205 AD-ADV3205 Datasheet
341Kb / 20P
   60 MHz, G = 2, 16 횞 16
REV. 0
More results

Similar Description - ADV3200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117_07 Datasheet
1,021Kb / 36P
   600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
   Analog Crosspoint Switch
REV. A
AD8105 AD-AD8105_15 Datasheet
1,017Kb / 36P
   Analog Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com