Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320ADC3101IRGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320ADC3101IRGET
Description  Low Power Stereo ADC for Wireless Handsets and Portable Audio
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320ADC3101IRGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320ADC3101IRGET Datasheet HTML 3Page - Texas Instruments TLV320ADC3101IRGET Datasheet HTML 4Page - Texas Instruments TLV320ADC3101IRGET Datasheet HTML 5Page - Texas Instruments TLV320ADC3101IRGET Datasheet HTML 6Page - Texas Instruments TLV320ADC3101IRGET Datasheet HTML 7Page - Texas Instruments TLV320ADC3101IRGET Datasheet HTML 8Page - Texas Instruments TLV320ADC3101IRGET Datasheet HTML 9Page - Texas Instruments TLV320ADC3101IRGET Datasheet HTML 10Page - Texas Instruments TLV320ADC3101IRGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
AUDIO DATA SERIAL INTERFACE TIMING DIAGRAMS
WCLK
BCLK
DOUT
t (DO-BCLK)
d
t (DO-WS)
d
t (WS)
d
TLV320ADC3101
www.ti.com ........................................................................................................................................................................................... SLAS553 – NOVEMBER 2008
All specifications at 25°C, DVDD = 1.8 V
IOVDD = 1.8 V
IOVDD = 3.3 V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
td(WS)
BCLK/WCLK delay time
20
15
ns
td(DO-WS)
BCLK/WCLK to DOUT delay time
25
20
ns
td(DO-BCLK)
BCLK to DOUT delay time
20
15
ns
tr
Rise time
20
15
ns
tf
Fall time
20
15
ns
NOTE: All timing specifications are measured at characterization but not tested at final test.
Figure 2. I2S/LJF/RJF Timing in Master Mode
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TLV320ADC3101


Similar Part No. - TLV320ADC3101IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3101IRGET TI1-TLV320ADC3101IRGET Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power Stereo ADC
TLV320ADC3101IRGET TI-TLV320ADC3101IRGET Datasheet
1Mb / 92P
[Old version datasheet]   TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
More results

Similar Description - TLV320ADC3101IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3101-Q1 TI-TLV320ADC3101-Q1_15 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2012
TLV320ADC3001 TI1-TLV320ADC3001 Datasheet
976Kb / 81P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320ADC3001 TI-TLV320ADC3001_15 Datasheet
1Mb / 86P
[Old version datasheet]   TLV320ADC3001 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320ADC3101 TI-TLV320ADC3101_15 Datasheet
1Mb / 92P
[Old version datasheet]   TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
TLV320ADC3100 TI1-TLV320ADC3100 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo ADC for Voice-Activated Systems and Portable Audio
TLV320AIC3104 TI1-TLV320AIC3104_17 Datasheet
1Mb / 97P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio and Telephony
TLV320AIC3105 TI-TLV320AIC3105_15 Datasheet
1Mb / 103P
[Old version datasheet]   TLV320AIC3105 Low-Power Stereo Audio Codec for Portable Audio and Telephony
TLV320AIC3104 TI-TLV320AIC3104_15 Datasheet
1Mb / 95P
[Old version datasheet]   TLV320AIC3104 Low-Power Stereo Audio Codec for Portable Audio and Telephony
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com