Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL345 Datasheet(PDF) 2 Page - Analog Devices

Part # ADXL345
Description  Three-Axis, 짹2/4/8/16g Digital Accelerometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL345 Datasheet(HTML) 2 Page - Analog Devices

  ADXL345 Datasheet HTML 1Page - Analog Devices ADXL345 Datasheet HTML 2Page - Analog Devices ADXL345 Datasheet HTML 3Page - Analog Devices ADXL345 Datasheet HTML 4Page - Analog Devices ADXL345 Datasheet HTML 5Page - Analog Devices ADXL345 Datasheet HTML 6Page - Analog Devices ADXL345 Datasheet HTML 7Page - Analog Devices ADXL345 Datasheet HTML 8Page - Analog Devices ADXL345 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADXL345
Preliminary Technical Data
Rev. PrA | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Descriptions.............................................. 5
Typical performance characteristics .............................................. 6
Functional Description .................................................................... 7
Device Operation ......................................................................... 7
Power Sequencing ........................................................................ 7
Power Saving ................................................................................. 7
Serial Communications ................................................................... 9
SPI................................................................................................... 9
I2C................................................................................................. 10
Interrupts..................................................................................... 11
FIFO ............................................................................................. 11
Self Test ........................................................................................ 12
Register Map ................................................................................... 13
Register Definitions ................................................................... 14
Application ...................................................................................... 18
Power Supply Decoupling ......................................................... 18
Mechanical Considerations for Mounting.............................. 18
Tap Detection.............................................................................. 18
Threshold .................................................................................... 19
Link Mode ................................................................................... 19
Recommended PWB Land Pattern.......................................... 20
Recommended Soldering Profile ............................................. 21
Outline Dimensions ....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
11/08—Rev. PrA - Initial Version


Similar Part No. - ADXL345

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ADXL345 SPARKFUN-ADXL345 Datasheet
205Kb / 7P
   ADXL345 Quickstart Guide
2/12/2015
logo
Analog Devices
ADXL345-EP AD-ADXL345-EP Datasheet
357Kb / 12P
   ADXL345-EP
ADXL345BCCZ AD-ADXL345BCCZ Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL345BCCZ-RL AD-ADXL345BCCZ-RL Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL345BCCZ-RL7 AD-ADXL345BCCZ-RL7 Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
More results

Similar Description - ADXL345

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
MMA7330L FREESCALE-MMA7330L Datasheet
234Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KX224-1053 ETC-KX224-1053 Datasheet
2Mb / 84P
   짹 8g / 16g / 32g Tri-axis Digital Accelerometer Specifications
Rev. 2.0 22-Dec-2017
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
   ± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
SMB365 ETC2-SMB365 Datasheet
451Kb / 21P
   Three-axis accelerometer
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
   Three Axis Low-g Digital Output Accelerometer
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
   Three Axis Low-g Digital Output Accelerometer
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
logo
List of Unclassifed Man...
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com