Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2036D1YZF Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA2036D1YZF
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2036D1YZF Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA2036D1YZF Datasheet HTML 2Page - Texas Instruments TPA2036D1YZF Datasheet HTML 3Page - Texas Instruments TPA2036D1YZF Datasheet HTML 4Page - Texas Instruments TPA2036D1YZF Datasheet HTML 5Page - Texas Instruments TPA2036D1YZF Datasheet HTML 6Page - Texas Instruments TPA2036D1YZF Datasheet HTML 7Page - Texas Instruments TPA2036D1YZF Datasheet HTML 8Page - Texas Instruments TPA2036D1YZF Datasheet HTML 9Page - Texas Instruments TPA2036D1YZF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0
10
20
30
40
50
60
70
80
90
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8 2
VDD = 2.5 V,
RL = 4 Ω, 33 µH
Class AB.
VDD = 5 V,
RL = 4 Ω
PO − Output Power − W
VDD = 3.6 V,
RL = 4 Ω, 33 µH
VDD = 5 V,
RL = 4 Ω,
33
µH
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
VDD = 2.5 V,
RL = 8 Ω, 33 µH
VDD = 5 V,
RL = 8 Ω, 33 µH
Class AB.
VDD = 5 V,
RL = 8 Ω
PO − Output Power − W
1.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.5
1
1.5
2
2.5
PO − Output Power − W
Class-AB 5 V, 8
VDD = 5 V, RL = 8 Ω
Class-AB 5 V, 4
VDD = 5 V, RL = 4 Ω,
PO − Output Power − W
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VDD = 5 V
VDD = 3.6 V
RL = 8 Ω, 33 µH
VDD = 2.5 V
PO − Output Power − W
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
Class-AB 3.6 V, 4
Class-AB 3.6 V, 8
VDD = 3.6 V,
RL = 8 Ω, 33 µH
VDD = 3.6 V, RL = 4 Ω
0
100
200
300
400
500
600
0
0.5
1
1.5
2
2.5
PO − Output Power − W
VDD = 5 V,
VDD = 3.6 V
RL = 4 Ω, 33 µH
VDD = 2.5 V
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
Shutdown Voltage − V
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
0
0.5
1
1.5
2
2.5
3
4
8
12
16
20
24
28
32
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
RL − Load Resistance − Ω
PO at 10% THD
Gain = 2 V/V
f = 1 kHz
2
2.5
3
3.5
4
4.5
5
RL = 8 Ω,
33
µH
No Load
2.5
3
3.5
4
4.5
5
5.5
VDD − Supply Voltage − V
RL = 8 Ω, (resistive)
TPA2036D1
SLOS589 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
EFFICIENCY
EFFICIENCY
POWER DISSIPATION
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 1.
Figure 2.
Figure 3.
POWER DISSIPATION
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 4.
Figure 5.
Figure 6.
SUPPLY CURRENT
SUPPLY CURRENT
OUTPUT POWER
vs
vs
vs
SUPPLY VOLTAGE
SHUTDOWN VOLTAGE
LOAD RESISTANCE
Figure 7.
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2036D1


Similar Part No. - TPA2036D1YZF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2036D1YZF TI1-TPA2036D1YZF Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1YZFR TI1-TPA2036D1YZFR Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1YZFT TI1-TPA2036D1YZFT Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results

Similar Description - TPA2036D1YZF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_15 Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
   2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com