Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6043A4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6043A4
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6043A4 Datasheet(HTML) 5 Page - Texas Instruments

  TPA6043A4 Datasheet HTML 1Page - Texas Instruments TPA6043A4 Datasheet HTML 2Page - Texas Instruments TPA6043A4 Datasheet HTML 3Page - Texas Instruments TPA6043A4 Datasheet HTML 4Page - Texas Instruments TPA6043A4 Datasheet HTML 5Page - Texas Instruments TPA6043A4 Datasheet HTML 6Page - Texas Instruments TPA6043A4 Datasheet HTML 7Page - Texas Instruments TPA6043A4 Datasheet HTML 8Page - Texas Instruments TPA6043A4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
GENERAL DC ELECTRICAL CHARACTERISTICS
SPEAKER AMPLIFIER DC CHARACTERISTICS
SPEAKER AMPLIFIER AC CHARACTERISTICS
TPA6045A4C
www.ti.com.............................................................................................................................................................................................. SLOS614 – OCTOBER 2008
RECOMMENDED OPERATING CONDITIONS (continued)
MIN
MAX
UNIT
VIH
High-level input voltage
SPKR_EN, HP_EN, GAIN0, GAIN1, REG_EN
2
V
VIL
Low-level input voltage
SPKR_EN, HP_EN, GAIN0, GAIN1, REG_EN
0.8
V
TA
Operating free-air temperature
–40
85
°C
TA = 25°C, VDD = SPVDD = HPVDD = CPVDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SPKR_EN, HP_EN, GAIN0, GAIN1,
IIH
High-level input current
0.02
1
µA
REG_EN = VDD
SPKR_EN, HP_EN, GAIN0, GAIN1,
IIL
Low-level input current
0.02
1
µA
REG_EN = 0 V
Supply current, speaker amplifier
IDD(Speaker)
SPKR_EN = 2 V, HP_EN = REG_EN = 0 V
5
12
mA
ONLY enabled
Supply current, headphone
IDD(HP)
HP_EN = 2 V, SPKR_EN = REG_EN = 0 V
7.5
14
mA
amplifier ONLY enabled
Supply current, regulator ONLY
IDD(REG)
REG_EN = 2 V, SPKR_EN = HP_EN = 0 V
0.65
1
mA
enabled
IDD(SD)
Supply current, shutdown mode
SPKR_EN = HP_EN = REG_EN = 0 V
2.5
5
µA
TA = 25°C, VDD = SPVDD = 5 V, RL = 4 Ω, Gain = 10 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
| VOO |
Output offset voltage (measured differentially)
Inputs AC-coupled to GND, Gain = 10
0.5
10
mV
dB
PSRR
Power supply rejection ratio
VDD = SPVDD = 4.5 V to 5.5 V
-60
–74
dB
TA = 25°C, VDD = SPVDD = 5 V, RL = 4 Ω, Gain = 10 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD+N = 1%, f = 1 kHz, RL = 8 Ω
1.3
THD+N = 10%, f = 1 kHz, RL = 8 Ω
1.6
PO
Output power
THD+N = 1%, f = 1 kHz, RL = 4 Ω
2.1
W
THD+N = 10%, f = 1 kHz, RL = 4 Ω
2.6
PO = 1 W, RL = 8 Ω, f = 20 Hz to 20 kHz
0.06%
THD+N
Total harmonic distortion plus noise
PO = 1 W, RL = 4 Ω, f = 20 Hz to 20 kHz
0.1%
f = 1 kHz, CBYPASS = 0.47
µF, R
L = 8 Ω
kSVR
Supply ripple rejection ratio
–53
dB
VRIPPLE = 200 mVPP
Maximum output at THD+N <1%, f = 1 kHz,
SNR
Signal-to-noise rejection ratio
90
dB
Gain = 10 dB
f = 1 kHz, Po = 1 W, Gain = 10 dB
–110
dB
Crosstalk (Left-Right; Right-Left)
f = 10 kHz, Po = 1 W, Gain = 10 dB
–100
dB
CBYPASS = 0.47
µF, f = 20 Hz to 20 kHz,
Vn
Noise output voltage
21
µVrms
Gain = 10 dB, No weighting
ZI
Input Impedance
Gain = 21.6 dB
15
20
k
GAIN0, GAIN1 = 0.8 V
9.4
10
10.6
GAIN0 = 0.8 V; GAIN1 = 2 V
11.4
12
12.6
G
Gain
dB
GAIN0 = 2 V, GAIN1 = 0.8 V
15
15.6
16.2
GAIN0, GAIN1 = 2 V
21
21.6
22.2
Gain Matching
Channel-to Channel
0.01
dB
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA6045A4C


Similar Part No. - TPA6043A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6043A4RHB TI-TPA6043A4RHB Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6043A4RHBR TI-TPA6043A4RHBR Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6043A4RHBRG4 TI-TPA6043A4RHBRG4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
More results

Similar Description - TPA6043A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4 TI-TPA6040A4 Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI-TPA6047A4 Datasheet
1Mb / 25P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPatTM STEREO HEADPHONE DRIVE AND REGULATOR
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com