Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51123RGET Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51123RGET
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51123RGET Datasheet(HTML) 5 Page - Texas Instruments

  TPS51123RGET Datasheet HTML 1Page - Texas Instruments TPS51123RGET Datasheet HTML 2Page - Texas Instruments TPS51123RGET Datasheet HTML 3Page - Texas Instruments TPS51123RGET Datasheet HTML 4Page - Texas Instruments TPS51123RGET Datasheet HTML 5Page - Texas Instruments TPS51123RGET Datasheet HTML 6Page - Texas Instruments TPS51123RGET Datasheet HTML 7Page - Texas Instruments TPS51123RGET Datasheet HTML 8Page - Texas Instruments TPS51123RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TPS51123
www.ti.com ........................................................................................................................................................................................... SLUS890 – DECEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTION: CURRENT SENSE
ITRIP
TRIPx source current
VTRIPx = 920 mV, TA= 25°C
9.4
10
10.6
µA
TRIPx current temperature
TCITRIP
On the basis of 25°C
4500
ppm/°C
coefficient
((VTRIPx-GND/9)-24 mV -VGND-LLx) voltage,
VOCLoff
OCP comparator offset
-8
0
8
VTRIPx-GND = 920 mV
VOCL(max) Maximum OCL setting
VTRIPx = 5 V
185
205
225
mV
Zero cross detection
VZC
VGND-LLx voltage
-5
0
5
comparator offset
VTRIP
Current limit threshold
VTRIPx-GND voltage
(2)
0.515
2
V
PROTECTION: UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
OVP trip threshold
OVP detect
110%
115%
120%
TOVPDEL
OVP prop delay
2
µs
UVP detect
55%
60%
65%
VUVP
Output UVP trip threshold
Hysteresis
10%
TUVPDEL
Output UVP prop delay
20
32
40
µs
TUVPEN
Output UVP enable delay
1.4
2
2.6
ms
UNDERVOLTAGE LOCKOUT (UVLO)
Wake up
4.1
4.2
4.3
VUVVREG5 VREG5 UVLO threshold
Hysteresis
0.38
0.43
0.48
V
VUVVREG3 VREG3 UVLO threshold
Shutdown (2)
VO2-1
THERMAL SHUTDOWN
Shutdown temperature (2)
150
TSDN
Thermal shutdown threshold
°C
Hysteresis (2)
10
(2)
Ensured by design. Not production tested.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS51123


Similar Part No. - TPS51123RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123ARGER TI1-TPS51123ARGER Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123ARGET TI1-TPS51123ARGET Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123 TI-TPS51123_15 Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
More results

Similar Description - TPS51123RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51125 TI-TPS51125 Datasheet
870Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI-TPS51125A_15 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI1-TPS51125_16 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
TPS51123 TI-TPS51123_15 Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A_17 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
   Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com