Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6690AS Datasheet(PDF) 3 Page - Texas Instruments

Part # FDS6690AS
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FDS6690AS Datasheet(HTML) 3 Page - Texas Instruments

  FDS6690AS Datasheet HTML 1Page - Texas Instruments FDS6690AS Datasheet HTML 2Page - Texas Instruments FDS6690AS Datasheet HTML 3Page - Texas Instruments FDS6690AS Datasheet HTML 4Page - Texas Instruments FDS6690AS Datasheet HTML 5Page - Texas Instruments FDS6690AS Datasheet HTML 6Page - Texas Instruments FDS6690AS Datasheet HTML 7Page - Texas Instruments FDS6690AS Datasheet HTML 8Page - Texas Instruments FDS6690AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ELECTRICAL CHARACTERISTICS
TPS51123
www.ti.com ........................................................................................................................................................................................... SLUS890 – DECEMBER 2008
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN current, TA = 25°C, no load, VO1 = 0 V,
IVIN1
VIN supply current1
VO2 = 0 V, EN0=open, ENC = 5 V,
0.55
1
mA
TRIP1 = TRIP2 = 2 V, VFB1 = VFB2 = 2.05 V
VIN current, TA = 25°C, no load, VO1 = 5 V,
IVIN2
VIN supply current2
VO2 = 3.3 V, EN0=open, ENC = 5 V,
4
6.5
µA
TRIP1 = TRIP2 = 2 V, VFB1 = VFB2 = 2.05 V
VO1 current, TA = 25°C, no load, VO1 = 5 V,
IVO1
VO1 current
VO2 = 3.3 V, EN0=open, ENC = 5 V,
0.8
1.5
mA
TRIP1 = TRIP2 = 2 V, VFB1 = VFB2 = 2.05 V
VO2 current, TA = 25°C, no load, VO1 = 5 V,
IVO2
VO2 current
VO2 = 3.3 V, EN0=open, ENC = 5 V,
12
100
TRIP1 = TRIP2 = 2 V, VFB1 = VFB2 = 2.05 V
VIN current, TA = 25°C, no load,
µA
IVINSTBY
VIN standby current
95
250
EN0 = 1.2 V, ENC = 0 V
VIN current, TA = 25°C, no load,
IVINSDN
VIN shutdown current
10
25
EN0 = ENC = 0 V
VREF OUTPUT
IVREF = 0 A
1.98
2.00
2.02
VVREF
VREF output voltage
V
–5
µA < I
VREF < 100 µA
1.97
2.00
2.03
VREG5 OUTPUT
VO1 = 0 V, IVREG5 < 100 mA, TA = 25°C
4.8
5
5.2
VO1 = 0 V, IVREG5 < 100 mA,
VVREG5
VREG5 output voltage
4.75
5
5.25
V
6.5 V < VIN < 28 V
VO1 = 0 V, IVREG5 < 50 mA, 5.5 V < VIN < 28 V
4. 75
5
5.25
IVREG5
VREG5 output current
VO1 = 0 V, VREG5 = 4.5 V
100
175
250
mA
Turns on
4.55
4.7
4.85
VTH5VSW
Switch over threshold
V
Hysteresis
0.15
0.25
0.3
R5VSW
5 V SW RON
VO1 = 5 V, IVREG5 = 100 mA
1
3
VREG3 OUTPUT
VO2 = 0 V, IVREG3 < 100 mA, TA= 25°C
3.2
3.33
3.46
VVREG3
VREG3 output voltage
VO2 = 0 V, IVREG3 < 100 mA, 6.5 V < VIN < 28 V
3.13
3.33
3.5
V
VO2 = 0 V, IVREG3 < 50 mA, 5.5 V < VIN < 28 V
3.13
3.33
3.5
IVREG3
VREG3 output current
VO2 = 0 V, VREG3 = 3 V
100
175
250
mA
Turns on
3.05
3.15
3.25
VTH3VSW
Switch over threshold
V
Hysteresis
0.1
0.2
0.25
R3VSW
3 V SW RON
VO2 = 3.3 V, IVREG3 = 100 mA
1.5
4
INTERNAL REFERENCE VOLTAGE
VIREF
Internal reference voltage
IVREF = 0 A, beginning of ON state
1.95
1.98
2.01
FB voltage, IVREF = 0 A, skip mode
1.98
2.01
2.04
V
FB voltage, IVREF = 0 A, OOA mode
(1)
2.00
2.035
2.07
VVFB
VFB regulation voltage
FB voltage, IVREF = 0 A, continuous conduction
2.00
mode(1)
IVFB
VFB input current
VFBx = 2.0 V, TA= 25°C
-20
20
nA
OUTPUT VOLTAGE, VOUT DISCHARGE
IDischg
VOUT discharge current
ENC = 0 V, VOx = 0.5 V
10
60
mA
(1)
Ensured by design. Not production tested.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS51123


Similar Part No. - FDS6690AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS_NL FAIRCHILD-FDS6690AS_NL Datasheet
143Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDS6690AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51125 TI-TPS51125 Datasheet
870Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI-TPS51125A_15 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI1-TPS51125_16 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
TPS51123 TI-TPS51123_15 Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A_17 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
   Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com