Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4525KTTT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS7A4525KTTT
Description  LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4525KTTT Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A4525KTTT Datasheet HTML 1Page - Texas Instruments TPS7A4525KTTT Datasheet HTML 2Page - Texas Instruments TPS7A4525KTTT Datasheet HTML 3Page - Texas Instruments TPS7A4525KTTT Datasheet HTML 4Page - Texas Instruments TPS7A4525KTTT Datasheet HTML 5Page - Texas Instruments TPS7A4525KTTT Datasheet HTML 6Page - Texas Instruments TPS7A4525KTTT Datasheet HTML 7Page - Texas Instruments TPS7A4525KTTT Datasheet HTML 8Page - Texas Instruments TPS7A4525KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
1
3
2
GND
IN
SHDN
SENSE/ADJ
OUT
5
4
KTT PACKAGE
(TOP VIEW)
TPS7A45xx
www.ti.com ........................................................................................................................................................ SLVS720A – JUNE 2008 – REVISED AUGUST 2008
LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
2
• Optimized for Fast Transient Response
• Output Current: 1.5 A
The TPS7A45xx devices are low-dropout (LDO)
regulators optimized for fast transient response. The
• High Output Voltage Accuracy : 1% at 25°C
device can supply 1.5 A of output current with a
• Dropout Voltage: 300 mV
dropout voltage of 300 mV. Operating quiescent
• Low Noise: 35 µV
RMS (10 Hz to 100 kHz)
current is 1 mA, dropping to less than 1
µA in
shutdown. Quiescent current is well controlled; it does
• High Ripple Rejection: 68 dB
not rise in dropout, as with many other regulators. In
• 1-mA Quiescent Current
addition to fast transient response, the TPS7A45xx
• No Protection Diodes Needed
regulators have very low output noise, which makes
them ideal for sensitive RF supply applications.
• Controlled Quiescent Current in Dropout
• Fixed Output Voltages: 1.5 V, 1.8 V, 2.5 V, 3.3 V
Output voltage range is from 1.21 V to 20 V. The
TPS7A45xx
regulators
are
stable
with
output
• Adjustable Output from 1.21 V to 20 V
capacitors as low as 10
µF. Small ceramic capacitors
• Less Than 1-µA Quiescent Current in
can be used without the necessary addition of ESR,
Shutdown
as
is
common
with
other
regulators.
Internal
• Stable with 10-µF Output Capacitor
protection
circuitry
includes
reverse-battery
protection, current limiting, thermal limiting, and
• Stable with Ceramic Capacitors
reverse-current protection. The devices are available
• Reverse-Battery Protection
in fixed output voltages of 1.5 V, 1.8 V, 2.5 V, 3.3 V,
• No Reverse Current
and as an adjustable device with a 1.21-V reference
voltage. The TPS7A45xx regulators are available in
• Thermal Limiting
the 5-pin TO-263 (KTT) package.
• 3.3-V to 2.5-V Logic Power Supplies
• Post Regulator for Switching Supplies
• Wireless Infrastructure
• Radio-Frequency Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD, PowerFLEX are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS7A4525KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4525KTTT TI-TPS7A4525KTTT Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results

Similar Description - TPS7A4525KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com