Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3838J25-EP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS3838J25-EP
Description  NANOPOWER SUPERVISORY CIRCUITS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3838J25-EP Datasheet(HTML) 5 Page - Texas Instruments

  TPS3838J25-EP Datasheet HTML 1Page - Texas Instruments TPS3838J25-EP Datasheet HTML 2Page - Texas Instruments TPS3838J25-EP Datasheet HTML 3Page - Texas Instruments TPS3838J25-EP Datasheet HTML 4Page - Texas Instruments TPS3838J25-EP Datasheet HTML 5Page - Texas Instruments TPS3838J25-EP Datasheet HTML 6Page - Texas Instruments TPS3838J25-EP Datasheet HTML 7Page - Texas Instruments TPS3838J25-EP Datasheet HTML 8Page - Texas Instruments TPS3838J25-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TIMING DIAGRAM
td
t
RESET
t
t
td
td
MR
VDD
VIT
< 1.1 V
A
B
C
D
E
F
G
Undefined
Output
Undefined
Output
Absolute Maximum Ratings
TPS3836E18-EP / J25-EP / H30-EP / L30-EP / K33-EP
TPS3837E18-EP / J25-EP / L30-EP / K33-EP
TPS3838E18-EP / J25-EP / L30-EP / K33-EP
www.ti.com.................................................................................................................................................... SGLS322D – MAY 2006 – REVISED NOVEMBER 2008
over operating free-air temperature range (unless otherwise noted)
(1)
VDD
Supply voltage(2)
7 V
All other pins(2)
–0.3 V to 7 V
IOL
Maximum low output current
5 mA
IOH
Maximum high output current
–5 mA
IIK
Input clamp current (VI < 0 or VI > VDD)
±10 mA
IOK
Output clamp current (VO < 0 or VO > VDD)
±10 mA
TA
Operating free-air temperature range
–55°C to 125°C
Tstg
Storage temperature range
–65°C to 150°C
TJ
Maximum junction temperature
150°C
Soldering temperature
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation, the device must not be continuously operated at 7 V for more than
t = 1000 h.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS3836E18-EP / J25-EP / H30-EP / L30-EP / K33-EP TPS3837E18-EP / J25-EP / L30-EP /
K33-EP TPS3838E18-EP / J25-EP / L30-EP / K33-EP


Similar Part No. - TPS3838J25-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3838J25-Q1 TI-TPS3838J25-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3838J25-Q1 TI1-TPS3838J25-Q1 Datasheet
839Kb / 18P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results

Similar Description - TPS3838J25-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com