Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPA14 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # GPA14
Description  14 pin DIL VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

GPA14 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  GPA14 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
VCXO
DESCRIPTION
Frequency range 60MHz to 240MHz
LVPECL Output
Supply Voltage 3.3 VDC
Phase jitter 0.2ps typical
Pull range from ±30ppm to ±150ppm
Frequency Range:
60.0MHz to 240.0MHz
Supply Voltage:
3.3 VDC ±5%
Output Logic:
LVPECL
RMS Period Jitter
60.0MHz ~ 120MHz:
2.5ps typical
120MHz ~ 240MHz:
4.7ps typical
Peak to Peak Jitter
60.0MHz ~ 120MHz:
17.5ps typical
120MHz ~ 240MHz:
24.5ps typical
Phase Jitter:
0.2ps typical
Initial Frequency Accuracy:
Tune to the nominal frequency
with Vc= 1.65 ±0.2VDC
Output Voltage HIGH (1):
Vdd-1.025V minimum
Vdd-0.880V maximum
Output Voltage LOW (0):
Vdd-1.810V minimum
Vdd-1.620V maximum
(RL=50
to Vdd-2V)
Pulling Range:
From ±30ppm to ±150ppm
Control Voltage Range:
1.65 ±0.35 Volts
Temperature Stability:
See table
Output Load:
50
into Vdd or Thevenin equiv.
Rise/Fall Times:
0.5ns typ., 0.7ns max.
20% Vdd to 80% Vdd
Duty Cycle:
50% ±5%
(Measured at Vdd-1.3V)
Start-up Time:
10ms maximum, 5ms typical
Current Consumption:
75mA maximum at 212.5MHz
80mA maximum at 622.08MHz
Static Discharge Protection:
2kV maximum
Storage Temperature:
-55° to +150°C
Ageing:
±2ppm per year maximum
Enable/Disable:
Not implemented - 4 pin package
RoHS Status:
Fully compliant or non-compliant
SPECIFICATION
Stability Code
FREQUENCY STABILITY
A
25
0°~+70°C
B
50
0°~+70°C
C
100
0°~+70°C
D
25
-40°~+85°C
E
50
-40°~+85°C
F
100
-40°~+85°C
If non-standard frequency stability is required
Use ‘I’ followed by stability, i.e. I20 for ±20ppm
Stability ±ppm
GPA14 VCXOs are packaged in a 14 pin dual-in-line package. Typical
phase jitter for GPA series VCXOs is 0.2 ps. Output is LVPECL.
Applications include phase lock loop, SONET/ATM, set-top boxes,
MPEG , audio/video modulation, video game consoles and HDTV.
Temp. Range
14 pin DIL VCXO
GPA14 LVPECL
OUTLINE & DIMENSIONS
PART NUMBERING
Example:
3GPA14G-B-80N-60.000
Supply Voltage
3 = +3.3V
Series Designator
GPA14
RoHS Status
G = RoHs compliant
Blank = RoHS non-compliant
Stability over temperature range
(See table)
Pullability in ±ppm
Pullability determinator
N = minimum
M = maximum
T = Typical
Frequency in MHz


Similar Part No. - GPA14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GPA1601 TSC-GPA1601 Datasheet
51Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GPA1601 TSC-GPA1601 Datasheet
260Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GPA1601 TSC-GPA1601 Datasheet
1Mb / 3P
   16.0 AMPs. Glass Passivated Rectifiers
logo
RFE international
GPA1601 RFE-GPA1601 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
GPA1601 TSC-GPA1601 Datasheet
569Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
More results

Similar Description - GPA14

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
logo
Golledge Electronics Lt...
GVXO-42F GOLLEDGE-GVXO-42F_18 Datasheet
550Kb / 4P
   5V VCXO - High Frequency - 14-pin DIL package
logo
EUROQUARTZ limited
GDF8 EUROQUARTZ-GDF8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
GPA8 EUROQUARTZ-GPA8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
GPF8 EUROQUARTZ-GPF8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
   14 pin DIL
logo
Golledge Electronics Lt...
GVXO-44F GOLLEDGE-GVXO-44F Datasheet
550Kb / 4P
   3.3V VCXO - High Frequency, DIL-14 Package
logo
EUROQUARTZ limited
EMW38GT EUROQUARTZ-EMW38GT Datasheet
346Kb / 1P
   CMOS 14 pin DIL compatible,
ZY2000 EUROQUARTZ-ZY2000 Datasheet
75Kb / 1P
   MIL Compliant/14 pin DIL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com