Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61175 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61175
Description  3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61175 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61175 Datasheet HTML 6Page - Texas Instruments TPS61175 Datasheet HTML 7Page - Texas Instruments TPS61175 Datasheet HTML 8Page - Texas Instruments TPS61175 Datasheet HTML 9Page - Texas Instruments TPS61175 Datasheet HTML 10Page - Texas Instruments TPS61175 Datasheet HTML 11Page - Texas Instruments TPS61175 Datasheet HTML 12Page - Texas Instruments TPS61175 Datasheet HTML 13Page - Texas Instruments TPS61175 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ENABLE AND THERMAL SHUTDOWN
UNDER VOLTAGE LOCKOUT (UVLO)
MINIMUM ON TIME and PULSE SKIPPING
TPS61175
SLVS892 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
The TPS61175 enters shutdown when the EN voltage is less than 0.4-V for more than 10-ms. In shutdown, the
input supply current for the device is less than 1.5-
µA (max). The EN pin has an internal 800-kΩ pull down
resistor to disable the device when it is floating.
An internal thermal shutdown turns off the device when the typical junction temperature of 160°C is exceeded.
The IC restarts when the junction temperature drops by 15°C.
An under voltage lockout circuit prevents mis-operation of the device at input voltages below 2.5-V (typical).
When the input voltage is below the under voltage threshold, the device remains off and the internal switch FET
is turned off. The under voltage lockout threshold is set below minimum operating voltage of 2.9V to avoid any
transient VIN dip triggering the UVLO and causing the device to reset. For the input voltages between UVLO
threshold and 2.9V, the device attempts to operate, but the specifications are not ensured.
Once the PWM switch is turned on, the TPS61175 has minimum ON pulse width of 60-ns. This sets the limit of
the minimum duty cycle of the PWM switch, and it is independent of the set switching frequency. When operating
conditions result in the TPS61175 having a minimum ON pulse width less than 60-ns, the IC enters
pulse-skipping mode. In this mode, the device keeps the power switch off for several switching cycles to keep the
output voltage from rising above the regulated voltage. This operation typically occurs in light load condition
when the PWM operates in discontinuous mode. Pulse skipping increases the output voltage ripple, see the
Figure 14.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61175


Similar Part No. - TPS61175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175PWP TI-TPS61175PWP Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results

Similar Description - TPS61175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175 TI-TPS61175_11 Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Texas Instruments
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com