Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6128IRGZR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6128IRGZR
Description  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6128IRGZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS6128IRGZR Datasheet HTML 7Page - Texas Instruments ADS6128IRGZR Datasheet HTML 8Page - Texas Instruments ADS6128IRGZR Datasheet HTML 9Page - Texas Instruments ADS6128IRGZR Datasheet HTML 10Page - Texas Instruments ADS6128IRGZR Datasheet HTML 11Page - Texas Instruments ADS6128IRGZR Datasheet HTML 12Page - Texas Instruments ADS6128IRGZR Datasheet HTML 13Page - Texas Instruments ADS6128IRGZR Datasheet HTML 14Page - Texas Instruments ADS6128IRGZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
ADS6149/ADS6129
ADS6148/ADS6128
www.ti.com ..................................................................................................................................................... SLWS211B – JULY 2008 – REVISED OCTOBER 2008
LVDS Timings at Lower Sampling Frequencies
SETUP TIME, ns
HOLD TIME, ns
SAMPLING FREQUENCY, MSPS
MIN
TYP
MAX
MIN
TYP
MAX
210
1.0
1.4
0.4
0.8
190
1.1
1.5
0.5
0.9
170
1.3
1.7
0.7
1.1
150
1.6
1.9
0.9
1.2
125
1.9
2.2
1.1
1.4
<100
2.5
2.0
Enable LOW SPEED mode
tPDI, ns
(1)
1
≤ Fs ≤ 100,
MIN
TYP
MAX
Enable LOW SPEED mode
8.2
(1)
Ts = 1/Sampling frequency
CMOS Timings at Lower Sampling Frequencies
Timings specified with respect to input clock
SAMPLING FREQUENCY, MSPS
tSTART, ns
DATA VALID TIME, ns
MIN
TYP
MAX
MIN
TYP
MAX
210
1.7
1.6
2.4
190
0.4
2.2
3.0
170
5.1
2.4
3.6
150
4.8
3.0
4.3
Timings specified with respect to CLKOUT
SAMPLING FREQUENCY, MSPS
SETUP TIME, ns
HOLD TIME, ns
MIN
TYP
MAX
MIN
TYP
MAX
150
2.0
3.2
1.5
2.2
125
2.9
4
2.2
2.7
<100
5.0
3.8
Enable LOW SPEED mode
tPDI, ns
(1)
1
≤ Fs ≤ 100
MIN
TYP
MAX
Enable LOW SPEED mode
14
(1)
Ts = 1/Sampling frequency
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128


Similar Part No. - ADS6128IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6128IRGZR TI-ADS6128IRGZR Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6128IRGZR TI-ADS6128IRGZR Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6128IRGZR TI1-ADS6128IRGZR Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS6128IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com