Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7865I Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS7865I
Description  Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7865I Datasheet(HTML) 3 Page - Texas Instruments

  ADS7865I Datasheet HTML 1Page - Texas Instruments ADS7865I Datasheet HTML 2Page - Texas Instruments ADS7865I Datasheet HTML 3Page - Texas Instruments ADS7865I Datasheet HTML 4Page - Texas Instruments ADS7865I Datasheet HTML 5Page - Texas Instruments ADS7865I Datasheet HTML 6Page - Texas Instruments ADS7865I Datasheet HTML 7Page - Texas Instruments ADS7865I Datasheet HTML 8Page - Texas Instruments ADS7865I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ELECTRICAL CHARACTERISTICS
ADS7865
www.ti.com.............................................................................................................................................................................................. SBAS441 – OCTOBER 2008
At TA = –40°C to +125°C; over entire power-supply voltage range, VREF = 2.5V (internal), fCLK = 32MHz, and fDATA = 2MSPS,
unless otherwise noted.
ADS7865
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RESOLUTION
12
Bits
ANALOG INPUT
FSR
Full-scale differential input range
(CHxx+) – (CHxx–)
–VREF
+VREF
V
VIN
Absolute input voltage
CHxx+ or CHxx– to AGND
–0.1
AVDD + 0.1
V
CIN
Input capacitance
CHxx+ or CHxx– to AGND
2
pF
CID
Differential input capacitance
4
pF
IIL
Input leakage current
–50
50
nA
CMRR
Common-mode rejection ratio
Both ADCs, dc to 100kHz
72
dB
DC ACCURACY
–40°C < TA < +125°C
–1.25
±0.6
+1.25
LSB
INL
Integral nonlinearity
–40°C < TA < +85°C
–1
±0.5
+1
LSB
DNL
Differential nonlinearity(2)
–1
±0.4
+1
LSB
Input offset error
–3
±0.5
+3
LSB
VOS
Match
–3
±0.5
+3
LSB
dVOS/dT
Input offset thermal drift
±2
µV/°C
Gain error(2)
–0.6
0.15
+0.6
%
GERR
Match
–0.6
±0.1
+0.6
%
GERR/dT
Gain error thermal drift
±2
ppm/°C
PSRR
Power-supply rejection ratio
AVDD = 5V
70
dB
AC ACCURACY
SINAD
Signal-to-noise + distortion
VIN = 5VPP at 100kHz
69
71.3
dB
SNR
Signal-to-noise ratio
VIN = 5VPP at 100kHz
70
71.7
dB
THD
Total harmonic distortion
VIN = 5VPP at 100kHz
–87
–74
dB
SFDR
Spurious-free dynamic range
VIN = 5VPP at 100kHz
74
88
dB
SAMPLING DYNAMICS
tCONV
Conversion time per ADC
1MHz < fCLK ≤ 32MHz
13
Clocks
tACQ
Acquisition time
62.5
ns
fDATA
Data rate
1MHz < fCLK ≤ 32MHz
62.5
2000
kSPS
Aperture delay
6
ns
tA
Match
50
ps
tAJIT
Aperture jitter
50
ps
fCLK
Clock frequency on CLOCK
1
32
MHz
(1)
All values at TA = +25°C.
(2)
Ensured by design, not production tested.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS7865


Similar Part No. - ADS7865I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7865IPBS TI1-ADS7865IPBS Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IPBSG4 TI1-ADS7865IPBSG4 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IPBSR TI1-ADS7865IPBSR Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865IPBSRG4 TI1-ADS7865IPBSRG4 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results

Similar Description - ADS7865I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com