Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1875 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1875
Description  PON Triplexer and SFP Controller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1875 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1875 Datasheet HTML 4Page - Maxim Integrated Products DS1875 Datasheet HTML 5Page - Maxim Integrated Products DS1875 Datasheet HTML 6Page - Maxim Integrated Products DS1875 Datasheet HTML 7Page - Maxim Integrated Products DS1875 Datasheet HTML 8Page - Maxim Integrated Products DS1875 Datasheet HTML 9Page - Maxim Integrated Products DS1875 Datasheet HTML 10Page - Maxim Integrated Products DS1875 Datasheet HTML 11Page - Maxim Integrated Products DS1875 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
PON Triplexer and SFP Controller
8
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermometer Error
TERR
-40°C to +95°C
±3.0
°C
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
At +85°C (Note 11)
50,000
EEPROM Write Cycles
At +25°C (Note 11)
200,000
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC Resolution
13
Bits
Input/Supply Accuracy
(MON1–MON8, VCC)
ACC
At factory setting
0.25
0.50
%FS
Update Rate for Temp,
MON1–MON4, and VCC
tFRAME:1
78
95
ms
Update Rate for MON5–MON8
tFRAME:2
Bit EN5TO8B is enabled in Table 02h,
Register 89h
156
190
ms
Input/Supply Offset
(MON1–MON8, VCC)
VOS
(Note 11)
0
5
LSB
MON1–MON8
2.5
VCC
6.5536
V
Factory Setting
MON3 Fine
Full scales are user programmable
312.5
μV
DIGITAL THERMOMETER
(VCC = +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)
ANALOG VOLTAGE MONITORING
(VCC = +2.85V to +3.9V, TA = -40°C to +95°C, unless otherwise noted.)


Similar Part No. - DS1875

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS187 LUMILEDS-DS187 Datasheet
1Mb / 16P
   Industry-leading solutions for light guide DRL, and signature lamps
logo
Maxim Integrated Produc...
DS1870 MAXIM-DS1870 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870 MAXIM-DS1870 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
DS1870E-010 MAXIM-DS1870E-010 Datasheet
816Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870E-010 MAXIM-DS1870E-010 Datasheet
372Kb / 28P
   LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
More results

Similar Description - DS1875

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1865 MAXIM-DS1865 Datasheet
530Kb / 66P
   PON Triplexer Control and Monitoring Circuit
Rev 0; 3/07
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1886_V1 MAXIM-DS1886_V1 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
logo
Mini-Circuits
TPLX-F2700 MINI-TPLX-F2700 Datasheet
593Kb / 4P
   Triplexer
TPLX-E2485 MINI-TPLX-E2485 Datasheet
612Kb / 4P
   Triplexer
ZTPL-4620 MINI-ZTPL-4620 Datasheet
487Kb / 4P
   Triplexer
logo
Source Photonics, Inc.
FTM-9712S-SL20 SOURCE-FTM-9712S-SL20 Datasheet
482Kb / 15P
   SC Receptacle SFP GE-PON OLT Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com