Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1742-100 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1742-100
Description  Y2KC Nonvolatile Timekeeping RAMwww.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1742-100 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1742-100 Datasheet HTML 3Page - Maxim Integrated Products DS1742-100 Datasheet HTML 4Page - Maxim Integrated Products DS1742-100 Datasheet HTML 5Page - Maxim Integrated Products DS1742-100 Datasheet HTML 6Page - Maxim Integrated Products DS1742-100 Datasheet HTML 7Page - Maxim Integrated Products DS1742-100 Datasheet HTML 8Page - Maxim Integrated Products DS1742-100 Datasheet HTML 9Page - Maxim Integrated Products DS1742-100 Datasheet HTML 10Page - Maxim Integrated Products DS1742-100 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DS1742
7 of 16
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………..-0.3V to +6.0V
Storage Temperature Range………………………………………………………...-40°C to +85°C
Soldering Temperature (EDIP, leads)..……………………..+260
°C for 10 seconds (See Note 7)
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time may affect reliability.
OPERATING RANGE
RANGE
TEMPERATURE
VCC
Commercial
0°C to +70°C (noncondensing)
3.3V
±10% or 5V ±10%
Industrial
-40°C to +85°C (noncondensing)
3.3V ±10% or 5V ±10%
RECOMMENDED DC OPERATING CONDITIONS
(Over the operating range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
VCC = 5V ±10%
VIH
2.2
VCC + 0.3V
V
1
Logic 1
Voltage
(All Inputs)
VCC = 3.3V
±10%
VIH
2.0
VCC + 0.3V
V
1
VCC = 5V ±10%
VIL
-0.3
+0.8
V
1
Logic 0
Voltage
(All Inputs)
VCC = 3.3V
±10%
VIL
-0.3
+0.6
V
1
DC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V ±10%, Over the operating range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICC
15
50
mA
2, 3
TTL Standby Current ( CE =
VIH)
ICC1
1
3
mA
2, 3
CMOS Standby Current
( CE
≥VCC - 0.2V)
ICC2
1
3
mA
2, 3
Input Leakage Current
(Any Input)
IIL
-1
+1
A
Output Leakage Current
(Any Output)
IOL
-1
+1
A
Output Logic 1 Voltage
(IOUT = -1.0mA)
VOH
2.4
1
Output Logic 0 Voltage
(IOUT = +2.1mA)
VOL
0.4
1
Write Protection Voltage
VPF
4.25
4.50
V
1
Battery Switchover Voltage
VSO
VBAT
1, 4


Similar Part No. - DS1742-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1742-100 DALLAS-DS1742-100 Datasheet
163Kb / 12P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742-100++ MAXIM-DS1742-100+ Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
DS1742-100IND++ MAXIM-DS1742-100IND+ Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
More results

Similar Description - DS1742-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1743 DALLAS-DS1743 Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
logo
Dallas Semiconductor
DS1742 DALLAS-DS1742 Datasheet
163Kb / 12P
   Y2KC Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1557 DALLAS-DS1557 Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS1554 DALLAS-DS1554 Datasheet
284Kb / 21P
   256K NV Y2KC Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com