Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63031DSKRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS63031DSKRG4
Description  HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63031DSKRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS63031DSKRG4 Datasheet HTML 5Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 6Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 7Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 8Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 9Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 10Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 11Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 12Page - Texas Instruments TPS63031DSKRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
0
10
20
30
40
50
60
70
80
90
100
1.8
2.2
2.6
3
3.4
3.8
4.2
5
4.6
5.4
V -InputVoltage-V
I
TPS63031
PowerSaveEnabled
I
=500mA
O
I
=100mA
O
I
=10mA
O
V
=3.3V
O
0
10
20
30
40
50
60
70
80
90
100
1.8
2.2
2.6
3
3.4
3.8
4.2
5
4.6
5.4
V -InputVoltage-V
I
TPS63031
PowerSaveDisabled
I
=500mA
O
I
=100mA
O
I
=10mA
O
V
=3.3V
O
V =3.6V
I
4.365
4.41
4.455
4.5
4.545
4.59
4.635
1
10
100
1000
I
-OutputCurrent-mA
O
TPS63031
PowerSaveDisabled
V
=4.5V
O
2.425
2.45
2.475
2.5
2.525
2.55
2.575
1
10
100
1000
V =3.6V
I
I
-OutputCurrent-mA
O
TPS63031
PowerSaveDisabled
V
=2.5V
O
TPS63030
TPS63031
www.ti.com .............................................................................................................................................................................................. SLVS696 – OCTOBER 2008
EFFICIENCY
EFFICIENCY
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 11.
Figure 12.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 13.
Figure 14.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS63030 TPS63031


Similar Part No. - TPS63031DSKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63031DSKRG4 TI-TPS63031DSKRG4 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63031DSKRG4 TI1-TPS63031DSKRG4 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results

Similar Description - TPS63031DSKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
logo
Texas Instruments
TPS63020 TI-TPS63020_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6302x High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
TPS63020-Q1 TI-TPS63020-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS63020-Q1 High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com