Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71401 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS71401
Description  80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71401 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS71401 Datasheet HTML 3Page - Texas Instruments TPS71401 Datasheet HTML 4Page - Texas Instruments TPS71401 Datasheet HTML 5Page - Texas Instruments TPS71401 Datasheet HTML 6Page - Texas Instruments TPS71401 Datasheet HTML 7Page - Texas Instruments TPS71401 Datasheet HTML 8Page - Texas Instruments TPS71401 Datasheet HTML 9Page - Texas Instruments TPS71401 Datasheet HTML 10Page - Texas Instruments TPS71401 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
APPLICATION INFORMATION
TPS71433
IN
OUT
V
IN
V
OUT
C1
0.1 F
m
0.47 F
m
GND
External Capacitor Requirements
Power Dissipation and Junction Temperature
P
D(max) +
T
J max * TA
R
q
JA
(1)
P
D + VIN * VOUT
I
OUT
(2)
Regulator Protection
TPS714xx
www.ti.com ........................................................................................................................................................................................... SBVS116 – DECEMBER 2008
The TPS714xx family of LDO regulators has been optimized for ultralow power applications such as the MSP430
microcontroller. Its ultralow supply current maximizes efficiency at light loads, and its high input voltage range
makes it suitable for supplies such as unconditioned solar panels.
Figure 15. Typical Application Circuit (Fixed Voltage Version)
Although not required, a 0.047
µF or larger input bypass capacitor, connected between IN and GND and located
close to the device, is recommended to improve transient response and noise rejection of the power supply as a
whole. A higher-value input capacitor may be necessary if large, fast-rise-time load transients are anticipated and
if the device is located several inches from the power source.
The TPS714xx requires an output capacitor connected between OUT and GND to stabilize the internal control
loop. Any capacitor (including ceramic and tantalum) that is greater than or equal to 0.47
µF properly stabilizes
this loop.
To ensure reliable operation, worst-case junction temperature should not exceed +125°C. This restriction limits
the power dissipation that the regulator can manage in any given application. To ensure the junction temperature
is within acceptable limits, calculate the maximum allowable dissipation, PD(MAX), and the actual dissipation, PD,
which must be less than or equal to PD(max).
The maximum-power-dissipation limit is determined using Equation 1:
Where:
• T
Jmax is the maximum allowable junction temperature.
• Rθ
JA is the thermal resistance junction-to-ambient for the package (see the Power Dissipation Rating table).
• T
A is the ambient temperature.
The regulator dissipation is calculated using Equation 2:
Power dissipation resulting from quiescent current is negligible.
The TPS714xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (for example, during power-down). Current is conducted from the output
to the input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting
might be appropriate.
The TPS714xx features internal current limiting. During normal operation, the TPS714xx limits output current to
approximately 500mA. When current limiting engages, the output voltage scales back linearly until the
over-current condition ends. There is no internal thermal shutdown circuit in this device; therefore, care must be
taken not to exceed the power dissipation ratings of the package during a fault condition. This device does not
have undervoltage lockout; therefore, this constraint should be taken into consideration for specific applications.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS71401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71401DCKR TI1-TPS71401DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
TPS71401DCKR TI1-TPS71401DCKR Datasheet
1,010Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71401DCKR TI1-TPS71401DCKR Datasheet
3Mb / 38P
[Old version datasheet]   TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS71401DCKT TI1-TPS71401DCKT Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
TPS71401DCKT TI1-TPS71401DCKT Datasheet
1,010Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
More results

Similar Description - TPS71401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS714XX TI1-TPS714XX Datasheet
1,010Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71433DCKR TI1-TPS71433DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5214 NSC-LMS5214 Datasheet
286Kb / 10P
   80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com