Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73501DRBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73501DRBT
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73501DRBT Datasheet(HTML) 5 Page - Texas Instruments

  TPS73501DRBT Datasheet HTML 1Page - Texas Instruments TPS73501DRBT Datasheet HTML 2Page - Texas Instruments TPS73501DRBT Datasheet HTML 3Page - Texas Instruments TPS73501DRBT Datasheet HTML 4Page - Texas Instruments TPS73501DRBT Datasheet HTML 5Page - Texas Instruments TPS73501DRBT Datasheet HTML 6Page - Texas Instruments TPS73501DRBT Datasheet HTML 7Page - Texas Instruments TPS73501DRBT Datasheet HTML 8Page - Texas Instruments TPS73501DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TYPICAL CHARACTERISTICS
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
-
-
-
-
-
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
V
(V)
IN
T
J =
40 C
-
°
T
J =0 C
°
T
J =+125 C
°
T
J =+85 C
°
T
J =+25 C
°
I
=100mA
OUT
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
-
-
-
-
-
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
V
(V)
IN
T
J =
40 C
-
°
T
J =0 C
°
T
J =+125 C
°
T
J =+85 C
°
T
J =+25 C
°
I
=100mA
OUT
2.86
2.85
2.84
2.83
2.82
2.81
2.80
2.79
2.78
2.77
2.76
2.75
2.74
0
50
100
150
200
250
300
350
400
450
500
Load(mA)
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
Y-axisrangeis 2%of2.8V
±
2.55
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
0
50
100
150
200
250
300
350
400
450
500
Load(mA)
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
T
J =0 C
°
T
J =+25 C
°
Y-axisrangeis 2%of2.5V
±
500
450
400
350
300
250
200
150
100
50
0
-40 -25 -10
5
20
35
50
65
80
95
110 125
T (
)
J
C
°
V
IN =6.5V
V
EN =0.4V
V
IN =5.0V
V
IN =3.3V
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
400
450
500
I
(mA)
OUT
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
T
J =0 C
°
T
J =+25 C
°
TPS735xx
www.ti.com .................................................................................................................................................. SBVS087E – JUNE 2008 – REVISED DECEMBER 2008
Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN,COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS73501, VOUT = 2.8V. Typical values are at TJ =
+25°C.
TPS73501 LINE REGULATION
TPS73525 LINE REGULATION
Figure 3.
Figure 4.
TPS73501 LOAD REGULATION
TPS73525 LOAD REGULATION
Figure 5.
Figure 6.
TPS73525 GROUND PIN CURRENT vs
TPS73525 GROUND PIN CURRENT (DISABLE) vs
OUTPUT CURRENT
TEMPERATURE
Figure 7.
Figure 8.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS73501DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73501DRBT TI-TPS73501DRBT Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBT TI-TPS73501DRBT Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBT TI-TPS73501DRBT Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBT TI-TPS73501DRBT Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBT TI-TPS73501DRBT Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS73501DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI1-TPS735XX_11 Datasheet
814Kb / 27P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com