Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650250RHBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650250RHBR
Description  Power Management IC for Li-Ion Powered Systems
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650250RHBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS650250RHBR Datasheet HTML 7Page - Texas Instruments TPS650250RHBR Datasheet HTML 8Page - Texas Instruments TPS650250RHBR Datasheet HTML 9Page - Texas Instruments TPS650250RHBR Datasheet HTML 10Page - Texas Instruments TPS650250RHBR Datasheet HTML 11Page - Texas Instruments TPS650250RHBR Datasheet HTML 12Page - Texas Instruments TPS650250RHBR Datasheet HTML 13Page - Texas Instruments TPS650250RHBR Datasheet HTML 14Page - Texas Instruments TPS650250RHBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
FUNCTIONAL BLOCK DIAGRAM
EN_DCDC1
ENABLE
VCC
VLDO1
200 mA LDO
VLDO1
VLDO2
VINDCDC1
VLDO2
200 mA LDO
VIN_LDO
ENABLE
VIN
MODE
1 mF
1R
10 mF
TPS650250
EN_LDO
Vbat
PWRFAIL
AGND1
I/Ovoltage
R19
L1
DEFDCDC1
VDCDC1
PGND1
DCDC1 (I/O)
STEP-DOWN
CONVERTER
1600 mA
R1
R2
EN_DCDC2
VINDCDC2
L2
DEFDCDC2
VDCDC2
PGND2
DCDC2
(memory)
STEP-DOWN
CONVERTER
800 mA
R3
R4
EN_DCDC3
VINDCDC3
L3
DEFDCDC3
VDCDC3
PGND3
DCDC3 (core)
STEP-DOWN
CONVERTER
800 mA
R7
R8
Vbat
Vbat
Vbat
Vdd_alive
VLDO3
30 mA LDO
2.2 mF
1 V
3.3 V / 2.8 V
oradjustable
2.5 V / 1.8 V
oradjustable
VCC
PWRFAIL_SNS
Vbat
Vref=1V
+
-
R11
R12
AGND2
PWM/ PFM
EN_Vdd_alive
ENABLE
R9
R10
R5
R6
10 mF
ENABLE
10 mF
ENABLE
2.2 mF
2.2 mF
22 mF
2.2 mH
22 mF
2.2 mH
22 mF
2.2 mH
FB_LDO1
FB_LDO2
TPS650250
www.ti.com ........................................................................................................................................................................................... SLVS843 – DECEMBER 2008
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS650250


Similar Part No. - TPS650250RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250QRHBRQ1 TI1-TPS650250QRHBRQ1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS650250RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com