Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73730DRBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73730DRBT
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73730DRBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS73730DRBT Datasheet HTML 1Page - Texas Instruments TPS73730DRBT Datasheet HTML 2Page - Texas Instruments TPS73730DRBT Datasheet HTML 3Page - Texas Instruments TPS73730DRBT Datasheet HTML 4Page - Texas Instruments TPS73730DRBT Datasheet HTML 5Page - Texas Instruments TPS73730DRBT Datasheet HTML 6Page - Texas Instruments TPS73730DRBT Datasheet HTML 7Page - Texas Instruments TPS73730DRBT Datasheet HTML 8Page - Texas Instruments TPS73730DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
DRBPACKAGE
3mmx3mmSON
(TOPVIEW)
DCQPACKAGE
SOT223
(TOPVIEW)
1
2
3
4
5
IN
OUT
GND
NR/FB
EN
TABISGND
TypicalApplicationCircuit
TPS737xx
GND
EN
FB
IN
OUT
V
IN
V
OUT
Optional
1.0 F
m
6
OFF
ON
TPS737xx
www.ti.com ....................................................................................................................................................... SBVS067H – JANUARY 2006 – REVISED MAY 2008
1A Low-Dropout Regulator
with Reverse Current Protection
2
• Stable with 1.0µF or Larger Ceramic Output
Capacitor
The TPS737xx family of linear low-dropout (LDO)
voltage regulators uses an NMOS pass element in a
• Input Voltage Range: 2.2V to 5.5V
voltage-follower
configuration.
This
topology
is
• Ultra-Low Dropout Voltage: 130mV typ at 1A
relatively insensitive to output capacitor value and
• Excellent Load Transient Response—Even
ESR, allowing a wide variety of load configurations.
With Only 1.0µF Output Capacitor
Load transient response is excellent, even with a
small 1.0µF ceramic output capacitor. The NMOS
• NMOS Topology Delivers Low Reverse
topology also allows very low dropout.
Leakage Current
• 1.0% Initial Accuracy
The TPS737xx family uses an advanced BiCMOS
process to yield high precision while delivering very
• 3% Overall Accuracy Over Line, Load, and
low dropout voltages and low ground pin current.
Temperature
Current consumption, when not enabled, is under
• Less Than 20nA typical I
Q in Shutdown Mode
20nA and ideal for portable applications. These
• Thermal Shutdown and Current Limit for Fault
devices are protected by thermal shutdown and
foldback current limit.
Protection
• Available in Multiple Output Voltage Versions
Adjustable Output: 1.20V to 5.5V
Custom Outputs Available Using Factory
Package-Level Programming
• Point of Load Regulation for DSPs, FPGAs,
ASICs, and Microprocessors
• Post-Regulation for Switching Supplies
• Portable/Battery-Powered Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS73730DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73730DRBT TI-TPS73730DRBT Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73730DRBT TI1-TPS73730DRBT Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73730DRBT TI1-TPS73730DRBT Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73730DRBT TI-TPS73730DRBT Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73730DRBT TI1-TPS73730DRBT Datasheet
3Mb / 49P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
More results

Similar Description - TPS73730DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com