Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78227DDCTG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS78227DDCTG4
Description  150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78227DDCTG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS78227DDCTG4 Datasheet HTML 1Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 2Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 3Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 4Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 5Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 6Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 7Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 8Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FUNCTIONAL BLOCK DIAGRAM
Thermal
Shutdown
10kW
Current
Limit
Bandgap
IN
EN
OUT
EEPROM
Logic
Active
Pull-
Down
GND
PIN CONFIGURATIONS
OUT
GND
(1)
IN
GND
(1)
EN
1
2
3
5
4
IN
GND
(1)
EN
6
5
4
OUT
N/C
GND
(1)
1
2
3
Thermal
Pad
(2)
TPS782xx
SBVS115A – AUGUST 2008 – REVISED SEPTEMBER 2008 ........................................................................................................................................... www.ti.com
DDC PACKAGE
DRV PACKAGE
TSOT23-5
2mm x 2mm SON-6
(TOP VIEW)
(TOP VIEW)
(1)
All ground pins must be connected to ground for proper operation.
(2)
It is recommended that the thermal pad be grounded.
Table 1. PIN DESCRIPTIONS
PIN
NAME
DRV
DDC
DESCRIPTION
Regulated output voltage pin. A small (1
µF) ceramic capacitor is needed from this pin to
OUT
1
5
ground to assure stability. See the Input and Output Capacitor Requirements in the
Application Information section for more details.
N/C
2
Not connected.
Driving the enable pin (EN) over 1.2V turns ON the regulator. Driving this pin below 0.4V
EN
4
3
puts the regulator into shutdown mode, reducing operating current to 18nA typical.
GND
3, 5
2, 4
ALL ground pins must be tied to ground for proper operation.
Input pin. A small capacitor is needed from this pin to ground to assure stability. Typical input
IN
6
1
capacitor = 1.0
µF. Both input and output capacitor grounds should be tied back to the IC
ground with no significant impedance between them.
Thermal pad
Thermal pad
It is recommended that the thermal pad on the SON-6 package be connected to ground.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


Similar Part No. - TPS78227DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78227DDCTG4 TI1-TPS78227DDCTG4 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78227DDCTG4 TI1-TPS78227DDCTG4 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78227DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
logo
Texas Instruments
TPS782XX TI1-TPS782XX_12 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com