Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78228DRVTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS78228DRVTG4
Description  150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78228DRVTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS78228DRVTG4 Datasheet HTML 1Page - Texas Instruments TPS78228DRVTG4 Datasheet HTML 2Page - Texas Instruments TPS78228DRVTG4 Datasheet HTML 3Page - Texas Instruments TPS78228DRVTG4 Datasheet HTML 4Page - Texas Instruments TPS78228DRVTG4 Datasheet HTML 5Page - Texas Instruments TPS78228DRVTG4 Datasheet HTML 6Page - Texas Instruments TPS78228DRVTG4 Datasheet HTML 7Page - Texas Instruments TPS78228DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS78228DRVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TYPICAL CHARACTERISTICS
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
T =+85°
J
C
T = 40
-
°
J
C
T =+25°
J
C
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
3
2
1
0
-1
-2
-3
T
J =+85°C
T
40
-
°
J =
C
T
J =+25°C
0
25
50
75
100
125
150
I
(mA)
OUT
3
2
1
0
-1
-2
-3
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
0
25
50
75
100
125
150
I
(mA)
OUT
250
200
150
100
50
0
T
J =+125°C
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
-40 -25 -10
125
110
95
80
65
50
35
20
5
T
J ( C)
°
250
200
150
100
50
0
150mA
100mA
50mA
10mA
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
6
5
4
3
2
1
0
T =+125 C
°
J
T =+85 C
°
J
T
40
-
°
J =
C
T =+25 C
°
J
TPS782xx
www.ti.com ........................................................................................................................................... SBVS115A – AUGUST 2008 – REVISED SEPTEMBER 2008
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is greater;
IOUT = 100µA, VEN = VIN, COUT = 1µF, and CIN = 1µF, unless otherwise noted.
LINE REGULATION
LINE REGULATION
IOUT = 5mA, VOUT = 2.7V (typ)
IOUT = 150mA, VOUT = 2.7V (typ)
TPS78227
TPS78227
Figure 1.
Figure 2.
LOAD REGULATION
DROPOUT VOLTAGE vs OUTPUT CURRENT
VIN = 3.8V, VOUT = 2.7V
VOUT = 2.7V (typ), VIN = 0.95 × VOUT (typ)
TPS78227
TPS78227
Figure 3.
Figure 4.
DROPOUT VOLTAGE vs JUNCTION TEMPERATURE
GROUND PIN CURRENT vs INPUT VOLTAGE
VOUT = 2.7V (typ), VIN = 0.95 × VOUT (typ)
IOUT = 50mA, VOUT = 2.7V
TPS78227
TPS78227
Figure 5.
Figure 6.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS78228DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78228DRVTG4 TI1-TPS78228DRVTG4 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78228DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
logo
Texas Instruments
TPS782XX TI1-TPS782XX_12 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com