Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3229AE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3229AE
Description  ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3229AE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3229AE Datasheet HTML 5Page - Maxim Integrated Products MAX3229AE Datasheet HTML 6Page - Maxim Integrated Products MAX3229AE Datasheet HTML 7Page - Maxim Integrated Products MAX3229AE Datasheet HTML 8Page - Maxim Integrated Products MAX3229AE Datasheet HTML 9Page - Maxim Integrated Products MAX3229AE Datasheet HTML 10Page - Maxim Integrated Products MAX3229AE Datasheet HTML 11Page - Maxim Integrated Products MAX3229AE Datasheet HTML 12Page - Maxim Integrated Products MAX3229AE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MAX3228E/AE and MAX3229E/AE feature a separate
logic supply input (VL) that sets VOH for the receiver
and
INVALID outputs. The transmitter inputs (T_IN),
FORCEON and
FORCEOFF, are also referred to VL.
This feature allows maximum flexibility in interfacing to
different systems and logic levels. Connect VL to the
system’s logic supply voltage (+1.65V to +5.5V), and
bypass it with a 0.1µF capacitor to GND. If the logic
supply is the same as VCC, connect VL to VCC. Always
enable VCC before enabling the VL supply. VCC must
be greater than or equal to the VL supply.
Software-Controlled Shutdown
If direct software control is desired, connect
FORCE-
OFF and FORCEON together to disable AutoShutdown.
The microcontroller then drives
FORCEOFF and
FORCEON like a
SHDN input, INVALID can be used to
alert the microcontroller to indicate serial data activity.
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures are
incorporated on all pins to protect against electrostatic
discharges encountered during handling and assembly.
The driver outputs and receiver inputs of the
MAX3228E/AE and MAX3229E/AE have extra protection
against static electricity. Maxim’s engineers have devel-
oped state-of-the-art structures to protect these pins
against ESD of ±15kV without damage. The ESD struc-
tures withstand high ESD in all states: normal operation,
shutdown, and powered down. After an ESD event
Maxim’s E versions keep working without latchup,
whereas competing RS-232 products can latch and
must be powered down to remove latchup.
ESD protection can be tested in various ways; the trans-
mitter outputs and receiver inputs of this product family
are characterized for protection to the following limits:
1) ±15kV using the Human Body Model.
2) ±8kV using the Contact Discharge method specified
in IEC 1000-4-2.
3) ±15kV using the IEC 1000-4-2 Air-Gap method.
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents test
setup, test methodology, and test results.
Human Body Model
Figure 5a shows the Human Body Model, and Figure 5b
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of a
100pF capacitor charged to the ESD voltage of interest,
which is then discharged into the test device through a
1.5kΩ resistor.
Table 3. Output Control Truth Table
TRANSCEIVER STATUS
FORCEON
FORCEOFF
RECEIVER STATUS
INVALID
Shutdown (AutoShutdown)
Low
High
High-Z
L
Shutdown (Forced Off)
X
Low
High-Z
Normal Operation (Forced On)
High
High
Active
Normal Operation (AutoShutdown)
Low
High
Active
H
X = Don’t care.
† = I
NVALID output state is determined by R_IN input levels.
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1M
Ω
RD 1500
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 5a. Human Body ESD Test Models
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 5b. Human Body Model Current Waveform
±15kV ESD-Protected +2.5V to +5.5V
RS-232 Transceivers in UCSP and WLP
_______________________________________________________________________________________
9


Similar Part No. - MAX3229AE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3229 MAXIM-MAX3229 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3229EBV MAXIM-MAX3229EBV Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3229EEBV MAXIM-MAX3229EEBV Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
More results

Similar Description - MAX3229AE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3230E MAXIM-MAX3230E_08 Datasheet
170Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com