Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3230AEEWV+-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3230AEEWV+-T
Description  ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3230AEEWV+-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3230AEEWV+-T Datasheet HTML 1Page - Maxim Integrated Products MAX3230AEEWV+-T Datasheet HTML 2Page - Maxim Integrated Products MAX3230AEEWV+-T Datasheet HTML 3Page - Maxim Integrated Products MAX3230AEEWV+-T Datasheet HTML 4Page - Maxim Integrated Products MAX3230AEEWV+-T Datasheet HTML 5Page - Maxim Integrated Products MAX3230AEEWV+-T Datasheet HTML 6Page - Maxim Integrated Products MAX3230AEEWV+-T Datasheet HTML 7Page - Maxim Integrated Products MAX3230AEEWV+-T Datasheet HTML 8Page - Maxim Integrated Products MAX3230AEEWV+-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX3230E/AE and MAX3231E/AE are +2.5V to
+5.5V powered EIA/TIA-232 and V.28/V.24 communica-
tions interfaces with low power requirements, high data-
rate capabilities, and enhanced electrostatic discharge
(ESD) protection, in a chip-scale package (UCSP™)
and WLP package. All transmitter outputs and receiver
inputs are protected to ±15kV using IEC 1000-4-2 Air-
Gap Discharge, ±8kV using IEC 1000-4-2 Contact
Discharge, and ±15kV using the Human Body Model.
The MAX3230E/AE and MAX3231E/AE achieve a 1µA
supply current with Maxim’s AutoShutdown™ feature.
They save power without changing the existing BIOS or
operating systems by entering low-power shutdown
mode when the RS-232 cable is disconnected, or when
the transmitters of the connected peripherals are off.
The transceivers have a proprietary low-dropout trans-
mitter output stage, delivering RS-232-compliant perfor-
mance from a +3.1V to +5.5V supply, and RS-232-
compatible performance with a supply voltage as low
as +2.5V. The dual charge pump requires only four,
small 0.1µF capacitors for operation from a +3.0V sup-
ply. Each device is guaranteed to run at data rates of
250kbps while maintaining RS-232 output levels.
The MAX3230E/AE and MAX3231E/AE offer a separate
power-supply input for the logic interface, allowing con-
figurable logic levels on the receiver outputs and trans-
mitter inputs. Operating over a +1.65V to VCC range, VL
provides the MAX3230E/AE and MAX3231E/AE com-
patibility with multiple logic families.
The MAX3231E/AE contains one receiver and one trans-
mitter. The MAX3230E/AE contains two receivers and two
transmitters. The MAX3230E/AE and MAX3231E/AE are
available in tiny chip-scale and WLP packaging and are
specified across the extended industrial (-40°C to +85°C)
temperature range.
Applications
Personal Digital Assistants
Cell-Phone Data Lump Cables
Set-Top Boxes
Handheld Devices
Cell Phones
Features
♦ 6 x 5 Chip-Scale Package (UCSP) and WLP
Package
♦ ESD Protection for RS-232 I/O Pins
±15kV—IEC 1000-4-2 Air-Gap Discharge
±8kV—IEC 1000-4-2 Contact Discharge
±15kV—Human Body Model
♦ 1µA Low-Power AutoShutdown
♦ 250kbps Guaranteed Data Rate
♦ Meet EIA/TIA-232 Specifications Down to +3.1V
♦ RS-232 Compatible to +2.5V Allows Operation
from Single Li+ Cell
♦ Small 0.1µF Capacitors
♦ Configurable Logic Levels
±15kV ESD-Protected +2.5V to +5.5V
RS-232 Transceivers in UCSP and WLP
________________________________________________________________
Maxim Integrated Products
1
MAX3230E/AE
5k
Ω
T2OUT
T2IN
TTL/CMOS
INPUTS
C2-
C2+
C1-
C1+
A1
A5
C1
D1
A2
A3
A6
B6
B1
A4
E3
E4
E2
E1
C5
B5
V-
V+
VCC
2.5V TO 5.5V
C4
0.1
μF
C3
0.1
μF
C1
0.1
μF
CBYPASS
C2
0.1
μF
0.1
μF
FORCEOFF
FORCEON
INVALID
T1OUT
T1IN
GND
VL
TO POWER-
MANAGEMENT
UNIT
RS-232
OUTPUTS
VL
VL
VL
1.65V TO 5.5V
5k
Ω
R2IN
R2OUT
TTL/CMOS
OUTPUTS
D6
C6
E6
E5
R1IN
R1OUT
RS-232
INPUTS
VL
VL
0.1
μF
Typical Operating Circuits
19-3250; Rev 1; 10/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
BUMP-PACKAGE
MAX3230EEBV-T
-40°C to +85°C
6 x 5 UCSP
MAX3230AEEWV+-T
-40°C to +85°C
6 x 5 WLP
MAX3231EEBV-T
-40°C to +85°C
6 x 5 UCSP
MAX3231AEEWV+-T
-40°C to +85°C
6 x 5 WLP
UCSP is a trademark of Maxim Integrated Products, Inc.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Typical Operating Circuits continued at end of data sheet.
Pin Configurations appear at end of data sheet.
+
Denotes a lead-free/RoHS-compliant package.
T = Tape-and-reel.


Similar Part No. - MAX3230AEEWV+-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3230EEBV-T MAXIM-MAX3230EEBV-T Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
More results

Similar Description - MAX3230AEEWV+-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3228E MAXIM-MAX3228E_08 Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com