Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3228EEBV-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3228EEBV-T
Description  ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3228EEBV-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3228EEBV-T Datasheet HTML 3Page - Maxim Integrated Products MAX3228EEBV-T Datasheet HTML 4Page - Maxim Integrated Products MAX3228EEBV-T Datasheet HTML 5Page - Maxim Integrated Products MAX3228EEBV-T Datasheet HTML 6Page - Maxim Integrated Products MAX3228EEBV-T Datasheet HTML 7Page - Maxim Integrated Products MAX3228EEBV-T Datasheet HTML 8Page - Maxim Integrated Products MAX3228EEBV-T Datasheet HTML 9Page - Maxim Integrated Products MAX3228EEBV-T Datasheet HTML 10Page - Maxim Integrated Products MAX3228EEBV-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MAX3228E/AE and MAX3229E/AE maintain the outputs
in regulation until the battery voltage drops below +3.1V.
Then the output regulation points change to ±4.0V
When VCC is rising, the charge pump will generate an
output voltage of ±4.0V, while VCC is between +2.5V
and +3.5V. When VCC rises above the switchover volt-
age of +3.5V, the charge pump switches modes to
generate an output of ±5.5V.
Table 1 shows different supply schemes and their oper-
ating voltage ranges.
RS-232 Transmitters
The transmitters are inverting level translators that con-
vert CMOS-logic levels to RS-232 levels. The
MAX3228E/AE and MAX3229E/AE will automatically
reduce the RS-232 compliant levels (±5.5V) to RS-232
compatible levels (±4.0V) when VCC falls below
approximately +3.1V. The reduced levels also reduce
supply current requirements, extending battery life.
Built-in hysteresis of approximately 400mV for VCC
ensures that the RS-232 output levels do not change if
VCC is noisy or has a sudden current draw causing the
supply voltage to drop slightly. The outputs will return to
RS-232 compliant levels (±5.5V) when VCC rises above
approximately +3.5V.
The MAX3228E/AE and MAX3229E/AE transmitters
guarantee a 250kbps data rate with worst-case loads of
3kΩ in parallel with 1000pF.
When
FORCEOFF is driven to ground, the transmitters
and receivers are disabled and the outputs become
high impedance. When the AutoShutdown circuitry
senses that all receiver and transmitter inputs are inac-
tive for more than 30µs, the transmitters are disabled
and the outputs go to a high-impedance state. When
the power is off, the MAX3228E/AE and MAX3229E/AE
permit the transmitter outputs to be driven up to ±12V.
The transmitter inputs do not have pullup resistors.
Connect unused inputs to GND or VL.
RS-232 Receivers
The MAX3228E/AE and MAX3229E/AE receivers con-
vert RS-232 signals to logic output levels. All receivers
have inverting three-state outputs and can be active or
inactive. In shutdown (
FORCEOFF = low) or in
AutoShutdown, the MAX3228E/AE and MAX3229E/AE
receivers are in a high-impedance state (Table 3).
The MAX3228E/AE and MAX3229E/AE feature an
INVALID output that is enabled low when no valid
RS-232 signal levels have been detected on any
receiver inputs.
INVALID is functional in any mode
(Figures 2 and 3).
Figure 2c. MAX322_E AutoShutdown Logic
FORCEOFF
POWER DOWN
INVALID
FORCEON
INVALID IS AN INTERNALLY GENERATED SIGNAL
THAT IS USED BY THE AUTOSHUTDOWN LOGIC
AND APPEARS AS AN OUTPUT OF THE DEVICE.
POWER DOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
VL
VL
VCC
Figure 2a. MAX322_E Entering 1µA Supply Mode via
AutoShutdown
+0.3V
-0.3V
INVALID
TO MAX322 _E
POWER SUPPLY
AND TRANSMITTERS
R_IN
*TRANSMITTERS ARE DISABLED, REDUCING SUPPLY CURRENT TO 1
μA IF
ALL RECEIVER INPUTS ARE BETWEEN +0.3V AND -0.3V FOR AT LEAST 30
μs.
30
μs
COUNTER
R
Figure 2b. MAX322_E with Transmitters Enabled Using
AutoShutdown
+2.7V
-2.7V
INVALID
TO MAX322 _E
POWER SUPPLY
R_IN
*TRANSMITTERS ARE ENABLED IF:
ANY RECEIVER INPUT IS GREATER THAN +2.7V OR LESS THAN -2.7V.
ANY RECEIVER INPUT HAS BEEN BETWEEN +0.3V AND -0.3V FOR LESS THAN 30
μs.
30
μs
COUNTER
R
±15kV ESD-Protected +2.5V to +5.5V
RS-232 Transceivers in UCSP and WLP
_______________________________________________________________________________________
7


Similar Part No. - MAX3228EEBV-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3228EEBV MAXIM-MAX3228EEBV Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
More results

Similar Description - MAX3228EEBV-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3230E MAXIM-MAX3230E_08 Datasheet
170Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com