Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3231AEEWV+-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3231AEEWV+-T
Description  ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3231AEEWV+-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3231AEEWV+-T Datasheet HTML 1Page - Maxim Integrated Products MAX3231AEEWV+-T Datasheet HTML 2Page - Maxim Integrated Products MAX3231AEEWV+-T Datasheet HTML 3Page - Maxim Integrated Products MAX3231AEEWV+-T Datasheet HTML 4Page - Maxim Integrated Products MAX3231AEEWV+-T Datasheet HTML 5Page - Maxim Integrated Products MAX3231AEEWV+-T Datasheet HTML 6Page - Maxim Integrated Products MAX3231AEEWV+-T Datasheet HTML 7Page - Maxim Integrated Products MAX3231AEEWV+-T Datasheet HTML 8Page - Maxim Integrated Products MAX3231AEEWV+-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
±15kV ESD-Protected +2.5V to +5.5V
RS-232 Transceivers in UCSP and WLP
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.0V
V+ to GND .............................................................-0.3V to +7.0V
V- to GND ..............................................................+0.3V to -7.0V
V+ to |V-| (Note 1) ................................................................+13V
VL to GND..............................................................-0.3V to +6.0V
Input Voltages
T_IN_, FORCEON,
FORCEOFF to GND.....-0.3V to (VL + 0.3V)
R_IN_ to GND ...................................................................±25V
Output Voltages
T_OUT to GND ...............................................................±13.2V
R_OUT
INVALID to GND ............................-0.3V to (VL + 0.3V)
INVALID to GND.........................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration T_OUT to GND........................Continuous
Continuous Power Dissipation (TA = +70°C)
6 5 UCSP (derate 10.1mW/°C above +70°C) ...........805mW
6 5 WLP (derate 20mW/°C above +70°C).....................1.6W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering)
Infrared (15s) ...............................................................+200°C
Vapor Phase (20s) .......................................................+215°C
ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +5.5V, VL = +1.65V to +5.5V, C1–C4 = 0.1µF, tested at +3.3V ±10%, TA = TMIN to TMAX. Typical values are at TA =
+25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
VL Input Voltage Range
VL
1.65
VCC + 0.3
V
FORCEON = GND
FORCEOFF = VL, all RIN open
10
FORCEOFF = GND
10
µA
VCC Supply Current,
AutoShutdown
ICC
FORCEON, FORCEOFF = VL
1mA
VCC Supply Current,
AutoShutdown Disabled
ICC
FORCEON = FORCEOFF = VL, no load
0.3
1
mA
VL Supply Current
T_IN, IL
FORCEON or FORCEOFF = GND or VL,
VCC = VL = +5V, no receivers switching
1µA
LOGIC INPUTS
Input-Logic Low
T_IN, FORCEON, FORCEOFF
0.4
V
Input-Logic High
T_IN, FORCEON, FORCEOFF
0.66 VL
V
Transmitter Input Hysteresis
0.5
V
Input Leakage Current
T_IN, FORCEON, FORCEOFF
±0.01
±1
µA
RECEIVER OUTPUTS
Output Leakage Currents
R_OUT, receivers disabled, FORCEOFF =
GND or in AutoShutdown
±10
µA
Output-Voltage Low
IOUT = 0.8mA
0.4
V
Output-Voltage High
IOUT = -0.5mA
VL - 0.4 VL - 0.1
V
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.


Similar Part No. - MAX3231AEEWV+-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3231E MAXIM-MAX3231E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3231EEBV-T MAXIM-MAX3231EEBV-T Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
More results

Similar Description - MAX3231AEEWV+-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3228E MAXIM-MAX3228E_08 Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com