Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3580 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3580
Description  Direct-Conversion TV Tuner
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3580 Datasheet HTML 1Page - Maxim Integrated Products MAX3580 Datasheet HTML 2Page - Maxim Integrated Products MAX3580 Datasheet HTML 3Page - Maxim Integrated Products MAX3580 Datasheet HTML 4Page - Maxim Integrated Products MAX3580 Datasheet HTML 5Page - Maxim Integrated Products MAX3580 Datasheet HTML 6Page - Maxim Integrated Products MAX3580 Datasheet HTML 7Page - Maxim Integrated Products MAX3580 Datasheet HTML 8Page - Maxim Integrated Products MAX3580 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Direct-Conversion TV Tuner
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX3580 EV kit, VCC = +3.1V to +3.5V, GND = 0V. RF_AGC = BB_AGC = +2.85V, RF input terminated into a 75Ω load, BBI_ and
BBQ_ loaded by RL greater than 2kΩ and CL less than 10pF, VCO active, registers are set according to the recommended default
register conditions, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise
noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SIGMA-DELTA FRACTIONAL-N SYNTHESIZER
REFERENCE OSCILLATOR
Frequency
fREF
4
27
MHz
Input Impedance
ZIN
10
k
Ω
Voltage Gain
30
V/V
Output Impedance
ZOUT
15
Ω
Buffered Output
10k
Ω || 10pF load
0.7
VP-P
DIVIDERS
RF N Divider Ratio
(Notes 12, 13)
12
251
RF R Divider Ratio
VHF band operation requires R divider = 2
1
2
Fractional-N Resolution
20
Bits
LO PHASE DETECTOR AND CHARGE PUMP
Phase-Detector Frequency
4
27
MHz
Gain = 0
600
Charge-Pump Current
ICP
Gain = 1
1200
µA
Charge-Pump Tri-State Current
-10
+10
µA
Charge-Pump Compliance
Range
Charge-pump positive to negative current
matching of
≤ ±5%
0.4
VCC -
0.4
V
LOCAL OSCILLATOR
Tuning Frequency Range
fOSC
Tank Frequency
2160
4400
MHz
VCO Dividers
4
16
BASEBAND STAGE
Nominal Output Voltage
(Note 2)
1
VP-P
1dB Output Compression Point
P1dB
Differential voltage at 3MHz
1.6
2
VP-P
Output Impedance
Differential
60
Ω
Passband AGC Range
BB_AGC = 0.5V to 2.85V
30
50
dB
Passband Cutoff Attenuation
At 3.8MHz (UHF Mode);
at 3.325MHz (VHF Mode)
2
5
dB
Passband Differential Gain Error
2MHz to 3.8MHz, I channel vs. Q channel
(UHF mode)
-0.45
+0.45
dB
Passband Group Delay
From DC to 3.8MHz over any 1.1kHz band
(UHF mode)
5
ns
Group Delay Mismatch
From 0.1MHz to 3.8MHz, I channel vs. Q
channel (UHF mode) (Note 9)
< 2
ns


Similar Part No. - MAX3580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580 MAXIM-MAX3580 Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
MAX3580 MAXIM-MAX3580 Datasheet
376Kb / 7P
   3.1V to 3.5V Single-Supply Operation
Rev 0; 7/07
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
MAX3580ETJ++ MAXIM-MAX3580ETJ+ Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
More results

Similar Description - MAX3580

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_07 Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580 MAXIM-MAX3580_09 Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
logo
Toshiba Semiconductor
TA1375FG TOSHIBA-TA1375FG Datasheet
233Kb / 24P
   Single Conversion Tuner for Digital TV / CATV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com