Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3228AEEWV+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3228AEEWV+T
Description  ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3228AEEWV+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3228AEEWV+T Datasheet HTML 7Page - Maxim Integrated Products MAX3228AEEWV+T Datasheet HTML 8Page - Maxim Integrated Products MAX3228AEEWV+T Datasheet HTML 9Page - Maxim Integrated Products MAX3228AEEWV+T Datasheet HTML 10Page - Maxim Integrated Products MAX3228AEEWV+T Datasheet HTML 11Page - Maxim Integrated Products MAX3228AEEWV+T Datasheet HTML 12Page - Maxim Integrated Products MAX3228AEEWV+T Datasheet HTML 13Page - Maxim Integrated Products MAX3228AEEWV+T Datasheet HTML 14Page - Maxim Integrated Products MAX3228AEEWV+T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Transmitter Outputs when
Exiting Shutdown
Figure 7 shows a transmitter output when exiting shut-
down mode. The transmitter is loaded with 3kΩ in par-
allel with 1000pF. The transmitter output displays no
ringing or undesirable transients as it comes out of
shutdown, and is enabled only when the magnitude of
V- exceeds approximately -3V.
High Data Rates
The MAX3228E/AE and MAX3229E/AE maintain the RS-
232 ±5.0V minimum transmitter output voltage even at
high data rates. Figure 8 shows a transmitter loopback
test circuit. Figure 9 shows a loopback test result at
120kbps, and Figure 10 shows the same test at 250kbps.
For Figure 9, the transmitter was driven at 120kbps into
an RS-232 load in parallel with 1000pF. For Figure 10, a
single transmitter was driven at 250kbps, and loaded
with an RS-232 receiver in parallel with 1000pF.
Figure 8. Transmitter Loopback Test Circuit
MAX3229E/AE
5k
Ω
R1IN
R1OUT
C2-
C2+
C1-
C1+
V-
V+
VCC
VCC
C4
C3
C1
C2
0.1
μF
0.1
μF
FORCEOFF
FORCEON
INVALID
T1OUT
T1IN
GND
VL
TO POWER-
MANAGEMENT UNIT
1000pF
VL
VL
VL
VL
Figure 9. Loopback Test Result at 120kbps
0
R_OUT
T_OUT
T_IN
-5V
5V
0
5V
5V
0
4
μs/div
Figure 10. Loopback Test Result at 250kbps
0
-5V
5V
0
5V
5V
0
R_OUT
T_OUT
T_IN
4
μs/div
Figure 7. Transmitter Outputs Exiting Shutdown or Powering Up
FORCEON =
FORCEOFF
TOUT
4
μs/div
0
2V/div
0
5V/div
±15kV ESD-Protected +2.5V to +5.5V
RS-232 Transceivers in UCSP and WLP
______________________________________________________________________________________
11


Similar Part No. - MAX3228AEEWV+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3228-MAX3229 MAXIM-MAX3228-MAX3229 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3228E MAXIM-MAX3228E Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228EBV MAXIM-MAX3228EBV Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
More results

Similar Description - MAX3228AEEWV+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3230E MAXIM-MAX3230E_08 Datasheet
170Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228 MAXIM-MAX3228 Datasheet
238Kb / 14P
   2.5V to 5.5V RS-232 Transceivers in UCSP
19-2140; Rev 0; 8/01
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com