Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3738ETG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3738ETG
Description  155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3738ETG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3738ETG Datasheet HTML 6Page - Maxim Integrated Products MAX3738ETG Datasheet HTML 7Page - Maxim Integrated Products MAX3738ETG Datasheet HTML 8Page - Maxim Integrated Products MAX3738ETG Datasheet HTML 9Page - Maxim Integrated Products MAX3738ETG Datasheet HTML 10Page - Maxim Integrated Products MAX3738ETG Datasheet HTML 11Page - Maxim Integrated Products MAX3738ETG Datasheet HTML 12Page - Maxim Integrated Products MAX3738ETG Datasheet HTML 13Page - Maxim Integrated Products MAX3738ETG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
155Mbps to 4.25Gbps SFF/SFP Laser Driver
with Extinction Ratio Control
10
______________________________________________________________________________________
1
If any of the I/O pins are shorted to GND or VCC (single-point failure; see Table 2), and the bias current or the photocurrent
exceeds the programmed threshold.
2
End-of-life (EOL) condition of the laser diode. The bias current and/or the photocurrent exceed the programmed threshold.
3
Laser cathode is grounded and photocurrent exceeds the programming threshold.
4
No feedback for the APC loop (broken interconnection, defective monitor photodiode), and the bias current exceeds the
programmed threshold.
Table 1. Typical Fault Conditions
RBC_MON
BC_MON
VCC
VCC
RPC_MON
PC_MON
COMP
VREF
VREF
TTL
OPEN COLLECTOR
CMOS
SHUTDOWN
TX_FAULT
R
S
Q
RS
LATCH
COUNTER
60ms DELAY
POR AND COUNTER
60ms DELAY
100ns DELAY
IBIAS
ENABLE
IMOD
ENABLE
VCC
TX_DISABLE
COMP
EXCESSIVE
APC CURRENT
SETPOINT
EXCESSIVE
MOD CURRENT
SETPOINT
IMD
1
IBIAS
82
Figure 5. Simplified Safety Circuit


Similar Part No. - MAX3738ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3738ETG MAXIM-MAX3738ETG Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3738ETG MAXIM-MAX3738ETG Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
More results

Similar Description - MAX3738ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
MAX3646 MAXIM-MAX3646 Datasheet
832Kb / 14P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04
MAX3646 MAXIM-MAX3646_11 Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3737 MAXIM-MAX3737 Datasheet
920Kb / 17P
   Multirate Laser Driver with Extinction Ratio Control
19-2818; Rev 1; 8/03
MAX3737 MAXIM-MAX3737_11 Datasheet
509Kb / 16P
   Multirate Laser Driver with Extinction Ratio Control 100mA Bias Current
Rev 3; 6/11
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L_10 Datasheet
397Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
SY88422L MICREL-SY88422L Datasheet
426Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
logo
Maxim Integrated Produc...
MAX3656 MAXIM-MAX3656_V01 Datasheet
472Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
2010
MAX3656 MAXIM-MAX3656 Datasheet
734Kb / 16P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 1; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com