Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3981UGH Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3981UGH
Description  3.125Gbps XAUI Quad Cable Equalizer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3981UGH Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3981UGH Datasheet HTML 1Page - Maxim Integrated Products MAX3981UGH Datasheet HTML 2Page - Maxim Integrated Products MAX3981UGH Datasheet HTML 3Page - Maxim Integrated Products MAX3981UGH Datasheet HTML 4Page - Maxim Integrated Products MAX3981UGH Datasheet HTML 5Page - Maxim Integrated Products MAX3981UGH Datasheet HTML 6Page - Maxim Integrated Products MAX3981UGH Datasheet HTML 7Page - Maxim Integrated Products MAX3981UGH Datasheet HTML 8Page - Maxim Integrated Products MAX3981UGH Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3.125Gbps XAUI Quad Cable Equalizer
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, 3.125Gbps, 500mVp-p cable input with 27 - 1 PRBS, TA = +25°C, unless otherwise noted. Note: Twin-axial cable
used was Tensolite, Z-Skew, 100
Ω, 28AWG. Shielded twisted pair used was Madison 100Ω, 30AWG, spec #14887.)
EQUALIZER INPUT EYE DIAGRAM
AFTER 10m (33ft) OF TWIN-AXIAL CABLE
50ps/div
100mV/
div
EQUALIZER OUTPUT EYE DIAGRAM
AFTER 10m (33ft) OF TWIN-AXIAL CABLE
50ps/div
100mV/
div
70
50
130
110
90
170
190
150
210
030
40
10
20
50
60
70
80
EQUALIZER OPERATING
CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
NORMAL OPERATION
(EN = TTL HIGH)
STANDBY POWER
(EN = TTL LOW)
EQUALIZER INPUT EYE DIAGRAM AFTER
5m (16ft) OF SHIELDED TWISTED PAIR
50ps/div
60mV/
div
EQUALIZER OUTPUT EYE DIAGRAM AFTER
5m (16ft) OF SHIELDED TWISTED PAIR
50ps/div
100mV/
div
-50
-30
-40
-10
-20
0
10
50
INPUT RETURN GAIN
(S11, DIFFERENTIAL, INPUT
SIGNAL = -60dBm, DEVICE POWERED OFF)
FREQUENCY (MHz)
2050
1050
3050
4050
5050
0
30
20
10
40
50
60
04
3
12
56789
10
EQUALIZER DETERMINISTIC JITTER vs.
CABLE LENGTH
(K28.5 PATTERN, 3.125Gbps)
LENGTH (m)
SHIELDED TWISTED PAIR
(MADISON)
TWIN-AXIAL
(TENSOLITE)
0
30
20
10
40
50
60
04
3
12
56789
10
EQUALIZER DETERMINISTIC JITTER vs.
CABLE LENGTH
(K28.5 PATTERN, 2.5Gbps)
LENGTH (m)
SHIELDED TWISTED PAIR
(MADISON)
TWIN-AXIAL
(TENSOLITE)
200
250
300
350
400
450
500
020
10
30
40
50
60
70
80
90
EQUALIZER LATENCY
vs. TEMPERATURE
TEMPERATURE (
°C)


Similar Part No. - MAX3981UGH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3981UGH MAXIM-MAX3981UGH Datasheet
362Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
More results

Similar Description - MAX3981UGH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
MAX3803 MAXIM-MAX3803 Datasheet
254Kb / 8P
   DC-Coupled, UCSP 3.125Gbps Equalizer
19-2699; Rev 0; 2/03
logo
Texas Instruments
TLK10034 TI1-TLK10034_15 Datasheet
1Mb / 168P
[Old version datasheet]   Quad-Channel XAUI/10GBASE-KR Transceiver
logo
Maxim Integrated Produc...
MAX3802 MAXIM-MAX3802 Datasheet
830Kb / 12P
   3.2Gbps Quad Adaptive Cable Equalizer with Cable Driver
19-2289; Rev 0; 1/02
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400 TI1-DS32EV400_15 Datasheet
1Mb / 24P
[Old version datasheet]   DisplayPort??Quad Equalizer
DS32EV400 TI1-DS32EV400_14 Datasheet
1Mb / 23P
[Old version datasheet]   DisplayPort??Quad Equalizer
logo
National Semiconductor ...
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com